Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMS05C Datasheet(PDF) 2 Page - Protek Devices

Part # PSMS05C
Description  MULTI-LINE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSMS05C Datasheet(HTML) 2 Page - Protek Devices

  PSMS05C Datasheet HTML 1Page - Protek Devices PSMS05C Datasheet HTML 2Page - Protek Devices PSMS05C Datasheet HTML 3Page - Protek Devices PSMS05C Datasheet HTML 4Page - Protek Devices PSMS05C Datasheet HTML 5Page - Protek Devices PSMS05C Datasheet HTML 6Page - Protek Devices PSMS05C Datasheet HTML 7Page - Protek Devices PSMS05C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05095.R9 10/12
Page 2
PSMS05 & PSMS05C
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless otherwise Specified
PARAMETER
SYMBoL
VALUE
UNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
350
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless otherwise Specified
PART
NUMBER
(Notes 1-3)
DEVICE
MARkING
RATED
STAND-oFF
VoLTAGE
V
WM
VoLTS
MINIMUM
BREAkDoWN
VoLTAGE
@ 1mA
V
(BR)
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@ I
P = 1A
V
C
VoLTS
MAXIMUM
LEAkAGE
CURRENT
@V
WM
I
D
µA
TYPICAL
CAPACITANCE
(Note 4)
@0V, 1Mhz
Cj
pF
PSMS05
PRH
5.0
6.0
9.8
20
150
PSMS05C
PRL
5.0
6.0
9.8
20
150
NoTES
1. Part numbers with an additional “C” suffix are bidirectional, i.e., PSMS05C.
2. Unidirectional Only: For PSMS05, test between pin 1 to 2 or 5, 4 to 2 or 5, 6 to 2 or 5, 3 to 2 or 5. For PSMS05C, test between 2 to 1, 3, 4, 5, or 6.
3. Bidirectional Only: For PSMS05C, test between pin 5 to 1 or 3 or 4 or 6. Electrical characteristics apply in both directions.
4. Unidirectional Only: For PSMS05, capacitance measured between pins 1, 3, 4, 6 to 2. For PSMS05C, capactiance measured between pins 2 to 1, 3, 4, 5, or 6.
5. Contact factory for other voltages.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com