Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOT03 Datasheet(PDF) 3 Page - Protek Devices

Part # PSOT03
Description  500 WATT TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT03 Datasheet(HTML) 3 Page - Protek Devices

  PSOT03 Datasheet HTML 1Page - Protek Devices PSOT03 Datasheet HTML 2Page - Protek Devices PSOT03 Datasheet HTML 3Page - Protek Devices PSOT03 Datasheet HTML 4Page - Protek Devices PSOT03 Datasheet HTML 5Page - Protek Devices PSOT03 Datasheet HTML 6Page - Protek Devices PSOT03 Datasheet HTML 7Page - Protek Devices PSOT03 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05059.R12 10/12
Page 3
PSOT03 - PSOT36C
TYPiCAl DeViCe ChARACTeRiSTiCS
Peak Pulse Power
8/20µs
Average Power
FiGuRe 3
POWeR DeRATinG CuRVe
T
A - Ambient Temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FiGuRe 2
PulSe WAVe FORm
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120
FiGuRe 1
PeAk PulSe POWeR VS PulSe Time
t
d - Pulse Duration - µs
500W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com