Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL9590 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL9590
Description  Six-String White LED Driver with Active Current
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9590 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL9590 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9590 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9590 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9590 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9590 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9590 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9590 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9590 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9590 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PPMIC BU
www.belling.com.cn
BL9590 Rev 0.3
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
3/2010
©2010 Belling All Rights Reserved
3
BL9590
Six-String White LED Driver with Active Current
Balancing for LCD panel Applications
Pin Description
PIN
NAME
FUNCTION
1
OSC
Oscillator Frequency Selection Pin. Connect OSC to VCC to set the step - up
converter’s oscillator frequency to 1MHz. Connect OSC to GND to set the
frequency to 500kHz. Float OSC to set the frequency to 750kHz.
2
ENA
Analog Dimming Enable. ENA sets the PWM control mode. Set ENA low to
enable direct DPWM dimming.
Set ENA HIGH to enable analog dimming. In both modes, the duty cycle of the
PWM signal at the BRT input controls the LED current characteristics. See the
Dimming Control section for a complete description.
3
BRT
Brightness Control Input. The duty cycle of this digital input signal controls the
LED current characteristics. The allowable frequency range is 100Hz to 500Hz
in analog dimming mode. The duty cycle can be 100% to 1%. The BRT
frequency can go above 500Hz in direct DPWM mode as long as the BRT pulse
width is greater than 50μs minimum. See the Dimming Control section for a
complete description.
4
/SHDN
Shutdown Control Input. The BL9590 shuts down when /SHDN is less than
0.8V. Pulling /SHDN above 2.1V enables the BL9590. /SHDN can be connected
to the input voltage if desired.
5
FB1
LED String 1 Cathode Connection. FB1 is the open-drain output of an internal
regulator, which controls current through FB1. FB1 can sink up to 27mA. If
unused, connect FB1 to GND.
6
FB2
LED String 2 Cathode Connection. FB2 is the open-drain output of an internal
regulator, which controls current through FB2. FB2 can sink up to 27mA. If
unused, connect FB2 to GND.
7
FB3
LED String 3 Cathode Connection. FB3 is the open-drain output of an internal
regulator, which controls current through FB3. FB3 can sink up to 27mA. If
unused, connect FB3 to GND.
8
GND
Ground
9
FB4
LED String 4 Cathode Connection. FB4 is the open-drain output of an internal
regulator, which controls current through FB4. FB4 can sink up to 27mA. If
unused, connect FB4 to GND.
10
FB5
LED String 5 Cathode Connection. FB5 is the open-drain output of an internal
regulator, which controls current through FB5. FB5 can sink up to 27mA. If
unused, connect FB5 to GND.
11
FB6
LED String 6 Cathode Connection. FB6 is the open-drain output of an internal
regulator, which controls current through FB6. FB6 can sink up to 27mA. If
unused, connect FB6 to GND.
12
CS
Step-Up Controller Current-Sense Input. Connect the CS input to a ground
referenced sense resistor to measure the current in the external MOSFET
switch.
13
EXT
External MOSFET Gate-Drive Output
14
OV
Overvoltage Sense. Connect OV to the center tap of a resistive detection
threshold for voltage limiting at OV is 1.23V (typ).
15
VCC
5V Linear Regulator Output. VCC provides power to the BL9590 and is also used
to bias the gate driver for the external MOSFET. Bypass VCC to GND with a
ceramic capacitor of 1μF or greater. If VIN is less than or equal to 5.5V, connect
VCC to IN to the disable the internal LDO and use the external 5V supply to VCC.
When /SHDN is low, the internal linear regulator is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com