Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2905FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2905FS
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2905FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2905FS Datasheet HTML 1Page - Toshiba Semiconductor RN2905FS Datasheet HTML 2Page - Toshiba Semiconductor RN2905FS Datasheet HTML 3Page - Toshiba Semiconductor RN2905FS Datasheet HTML 4Page - Toshiba Semiconductor RN2905FS Datasheet HTML 5Page - Toshiba Semiconductor RN2905FS Datasheet HTML 6Page - Toshiba Semiconductor RN2905FS Datasheet HTML 7Page - Toshiba Semiconductor RN2905FS Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN2901FS~RN2906FS
2007-11-01
2
Electrical Characteristics (Ta =25°C) (Q1, Q2 common)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −20 V, IE = 0
⎯
⎯
−100
Collector cut-off current
RN2901FS~2906FS
ICEO
VCE = −20 V, IB = 0
⎯
⎯
−500
nA
RN2901FS
−0.89
⎯
−1.33
RN2902FS
−0.41
⎯
−0.63
RN2903FS
−0.18
⎯
−0.29
RN2904FS
VEB = −10 V, IC = 0
−0.088
⎯
−0.133
RN2905FS
−0.085
⎯
−0.127
Emitter cut-off current
RN2906FS
IEBO
VEB = −5 V, IC = 0
−0.08
⎯
−0.121
mA
RN2901FS
30
⎯
⎯
RN2902FS
60
⎯
⎯
RN2903FS
100
⎯
⎯
RN2904FS
120
⎯
⎯
RN2905FS
120
⎯
⎯
DC current gain
RN2906FS
hFE
VCE = −5 V,
IC = −10 mA
120
⎯
⎯
Collector-emitter
saturation voltage
RN2901FS~2906FS
VCE (sat)
IC = −5 mA,
IB = −0.25 mA
⎯
⎯
−0.15
V
RN2901FS
−1.0
⎯
−2.0
RN2902FS
−1.0
⎯
−2.2
RN2903FS
−1.1
⎯
−2.7
RN2904FS
−1.2
⎯
−3.6
RN2905FS
−0.6
⎯
−1.1
Input voltage (ON)
RN2906FS
VI (ON)
VCE = −0.2 V,
IC = −5 mA
−0.6
⎯
−1.2
V
RN2901FS~2904FS
−0.8
⎯
−1.5
Input voltage (OFF)
RN2905FS, 2906FS
VI (OFF)
VCE = −5 V,
IC = −0.1 mA
−0.4
⎯
−0.8
V
Collector output
capacitance
RN2901FS~2906FS
Cob
VCB = −10 V, IE = 0,
f
= 1 MHz
⎯
1.2
⎯
pF
RN2901FS
3.76
4.7
5.64
RN2902FS
8
10
12
RN2903FS
17.6
22
26.4
RN2904FS
37.6
47
56.4
RN2905FS
1.76
2.2
2.64
Input resistor
RN2906FS
R1
⎯
3.76
4.7
5.64
k
Ω
RN2901FS~2904FS
0.8
1.0
1.2
RN2905FS
0.0376 0.0468 0.0562
Resistor ratio
RN2906FS
R1/R2
⎯
0.08
0.1
0.12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com