Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2964FS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # RN2964FS
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2964FS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  RN2964FS Datasheet HTML 1Page - Toshiba Semiconductor RN2964FS Datasheet HTML 2Page - Toshiba Semiconductor RN2964FS Datasheet HTML 3Page - Toshiba Semiconductor RN2964FS Datasheet HTML 4Page - Toshiba Semiconductor RN2964FS Datasheet HTML 5Page - Toshiba Semiconductor RN2964FS Datasheet HTML 6Page - Toshiba Semiconductor RN2964FS Datasheet HTML 7Page - Toshiba Semiconductor RN2964FS Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RN2961FS~RN2966FS
2007-11-01
3
(Q1,Q2 common)
IC - VI(ON)
-0.1
-1
-10
-100
-0.1
-1
-10
-100
INPUT VOLTAGE VI(ON) ( V)
EMMITER COMMON
VCE= -0.2V
25
-25
RN2961FS
IC - VI(ON)
-0.1
-1
-10
-100
-0.1
-1
-10
-100
INPUT VOLTAGE VI(ON) ( V)
EMMITER COMMON
VCE= -0.2V
25
-25
RN2962FS
IC - VI(ON)
-0.1
-1
-10
-100
-0.1
-1
-10
-100
INPUT VOLTAGE VI(ON) ( V)
EMMITER COMMON
VCE= -0.2V
25
-25
RN2693FS
IC - VI(ON)
-0.1
-1
-10
-100
-0.1
-1
-10
-100
INPUT VOLTAGE VI(ON) ( V)
EMMITER COMMON
VCE= -0.2V
25
-25
RN2694FS
IC - VI(ON)
-0.1
-1
-10
-100
-0.1
-1
-10
-100
INPUT VOLTAGE VI(ON) ( V)
EMMITER COMMON
VCE= -0.2V
25
-25
RN2965FS
IC - VI(ON)
-0.1
-1
-10
-100
-0.1
-1
-10
-100
INPUT VOLTAGE VI(ON) ( V)
EMMITER COMMON
VCE= -0.2V
25
-25
RN2966FS
Ta=100°C
Ta=100°C
Ta=100°C
Ta=100°C
Ta=100°C
Ta=100°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com