Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV730 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BLV730
Description  N-channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BLV730 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BLV730 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BLV730 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BLV730 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BLV730 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BLV730 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BLV730 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.belling.com.cn
3/28/2007
Page 2/6
BLV730
N-channel Enhancement Mode Power MOSFET
Electrical Characteristics ( T
C=25C unless otherwise noted )
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BV
DSS
Drain-Source Breakdown Voltage
V
GS=0V, ID=250uA
400
-
-
V
∆BV
DSS
/
∆T
J
Breakdown Voltage
Temperature Coefficient
Reference to 25℃,
I
D=250uA
-
0.54
-
V/℃
R
DS(ON)
Static Drain-Source On-Resistance
V
GS=10V, ID=3.3A
-
-
1.0
Ω
V
GS(th)
Gate Threshold Voltage
V
DS=VGS, ID=250uA
2
-
4
V
g
fs
Forward Transconductance(note3)
V
DS=15V, ID=3.3A
2.9
-
-
S
I
DSS
Drain-Source Leakage Current
V
DS=400V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current
Tc=125℃
V
DS=320V, VGS=0V
-
-
50
uA
I
GSS
Gate-Source Leakage Current
V
GS= ± 20V
-
-
±100
nA
Qg
Total Gate Charge
-
-
38
nC
Qgs
Gate-Source Charge
-
-
5.7
nC
Qgd
Gate-Drain Charge
VDD=320V
ID=3.5A
VGS=10V
note3
-
-
22
nC
t (on)
Turn-on Delay Time
-
10
-
ns
t r
Turn-on Rise Time
-
15
-
ns
t (off)
Turn-off Delay Time
-
38
-
ns
t f
Turn-off Fall Time
VDD=200V
ID=3.5A
RG=25
Ω
note3
-
14
-
ns
Ciss
Input Capacitance
-
700
-
pF
Coss
Output Capacitance
-
170
-
pF
Crss
Reverse Transfer Capacitance
VDS=25V
VGS=0V
f = 1MHz
-
64
-
pF
Source-Drain Diode Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
I
S
Continuous Source Diode Forward Current
-
-
5.5
A
I
SM
Pulsed Source Diode Forward Current (note1)
-
-
22
A
V
SD
Forward On Voltage
VGS=0V, I
S=5.5A
-
-
2.0
V
t r r
Reverse Recovery Time
-
270
530
ns
Qr r
Reverse Recovery Charge
VGS=0V, I
S=5.5A
dIF/dt = 100A/us
-
1.0
2.2
uC
注:
(1) Repetitive Rating: Pulse width limited by maximum junction temperature
(2) L=16mH, Ias=5.5A,Vdd=50V,Rg=25
Ω,staring Tj=25C
(3) Pulse width
≤ 300 us; duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com