Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8530 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8530
Description  PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8530 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8530 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.belling.com.cn
Ver1.0
2/14
BL8530
PIN DESCRIPTION:
Pin No.
SOT-89-3
SOT-23-3
SOT-23-5
Symbol
Description
1
1
4
Vss(GND)
Ground pin
2
2
2
Vout
Output pin, power supply for
internal circuits
3
3
5
Lx(Ext)
Switching pin
-
-
3
NC
-
-
-
1
CE
Chip enable pin (active high)
PRODUCTOR LIST :
Product Name
Output Voltage
Lx Tr. Driver
Chip Enable
Package
BL8530-XX1SM
XX V
Internal
No
SOT-89-3
BL8530-XX1RM
XXV
Internal
No
SOT-23-3
BL8530-XX2RN
XX V
Internal
Yes
SOT-23-5
BL8530-XX3SM
XXV
External
No
SOT-89-3
BL8530-XX3RM
XXV
External
No
SOT-23-3
BL8530-XX4RN
XXV
External
Yes
SOT-23-5
BLOCK DIAGRAM:
ABSOLUTE MAXIMUM RATINGS
Input voltage range-----------------------------------------------------------------------------------0.3V~12V
Input voltage: Vi(LX) ---------------------------------------------------------------------------------0.3V~(Vout+0.3)
CE pin voltage-----------------------------------------------------------------------------------------0.3V~(Vout+0.3)
Lx pin output current --------------------------------------------------------------------------------0.7A
Maximum power dissipation, Pd T=25
°C
SOT-89-3---------------------------------------------------------------------------------------0.5W
SOT-23-5---------------------------------------------------------------------------------------0.15W
SOT-23-3---------------------------------------------------------------------------------------0.15W
Maximum junction temperature ------------------------------------------------------------------150
°C
Operating free-air temperature range ---------------------------------------------------------- -20~+80
°C
Storage temperature range ----------------------------------------------------------------------- -40~125
°C
Lead temperature and time -----------------------------------------------------------------------260
°C,10S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com