Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8563 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8563
Description  Low noise, fast response 300mA LDO regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8563 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8563 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BL8563
http://www.belling.com.cn
- 1-
9/27/2007
Total
9 Pages
Low noise, fast response 300mA LDO regulator
General Description
BL8563 series is a group of positive
voltage output, low power consumption,
low dropout voltage regulator.
BL8563 can provide output value in the
range of 1.5V~4.5V every 0.1V step. It also
can be customized on command.
BL8563 includes high accuracy voltage
reference, error amplifier, current limit
circuit and output driver module with
discharge capability.
BL8563 has excellent load and line
transient response and good temperature
characteristics, which can assure the
stability of chip and power system. And it
uses trimming technique to guarantee
output voltage accuracy within±2%.
BL8563 is available in SOT-23-5, SC-70-5
packages which is lead free. It also can
available in these packages with lead.
Features
• Low Power Consumption: 15uA(Typ.)
• Low Output Noise (47uVRMS)
• Standby Mode: 0.1uA
• Low Dropout Voltage0.16V@300mA
(Typ.)
• High Ripple Rejection: 73dB@10
(Typ.)
0Hz
: 1.5V~4.5V
u
every 0.1V step)
te: ±2% (±1%
it
ones and
• Battery Powered equipment
• Power Management of MP3, PDA, DSC,
• Low Temperature Coefficient: ±
100ppm/
°C
• Excellent Line Regulation: 0.05%/V
• Build-in Chip Enable And Discharge
Circuit
• Output Voltage Range
(c stomized on command
• Highly Accura
customized)
• Output Current Lim
Applications:
• Power source for cellular ph
various kind of PCSs
BL8563 Typical Performance
Characteristics
BL8563 Typical Application Circuit
Load Regulation
(VIN=4.5V)
3.000
3.050
3.100
3.150
3.200
3.250
3.300
3.350
0
50
100
150
200
250
300
Iout(mA)
BL8563


Similar Part No. - BL8563

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
796Kb / 9P
300mA High PSRR, Linear Regulator, w. Output Discharge
BL8563-10PQ BELLING-BL8563-10PQ Datasheet
796Kb / 9P
300mA High PSRR, Linear Regulator, w. Output Discharge
BL8563-10PRA BELLING-BL8563-10PRA Datasheet
796Kb / 9P
300mA High PSRR, Linear Regulator, w. Output Discharge
BL8563-10PRM BELLING-BL8563-10PRM Datasheet
796Kb / 9P
300mA High PSRR, Linear Regulator, w. Output Discharge
BL8563-18PQ BELLING-BL8563-18PQ Datasheet
796Kb / 9P
300mA High PSRR, Linear Regulator, w. Output Discharge
More results

Similar Description - BL8563

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
Low noise, fast response 500mA LDO regulator
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
Low noise, fast response 500mA LDO regulator
VER 1.4
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
Leshan Radio Company
LR8563 LRC-LR8563 Datasheet
824Kb / 9P
Low noise, fast response 300mA LDO regu lator
LR8563 LRC-LR8563_15 Datasheet
824Kb / 9P
Low noise, fast response 300mA LDO regu lator
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com