Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS420CT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 1SS420CT
Description  High-Speed Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS420CT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  1SS420CT Datasheet HTML 1Page - Toshiba Semiconductor 1SS420CT Datasheet HTML 2Page - Toshiba Semiconductor 1SS420CT Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS420CT
2009-01-08
2
IF - VF
0
0
0
1
10
100
1000
0
0.2
0.4
0.6
0.8
FORW ARD VOLTAGE VF (V)
Ta = 100°C
25
-25
1u
10u
100u
10m
1m
100m
1
CT - VR
1
10
100
010
20
30
REVERSE VOLTAGE VR (V)
Ta = 25°C
f = 1MHz
IR - VR
0
0
0
0
0
1
10
100
0
5
10
15
20
25
30
REVERSE VOLTAGE VR (V)
25
-25
Ta = 100°C
10p
100p
1n
10n
100n
1u
10u
100u
REVERSE VOLTAGE V
R(V)
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE V
R(V)
IF - VF
IR - VR
CT - VR
μ
μ
μ
μ
μ
μ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com