Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CES521 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CES521
Description  High-Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CES521 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CES521 Datasheet HTML 1Page - Toshiba Semiconductor CES521 Datasheet HTML 2Page - Toshiba Semiconductor CES521 Datasheet HTML 3Page - Toshiba Semiconductor CES521 Datasheet HTML 4Page - Toshiba Semiconductor CES521 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CES521
1
Schottky Barrier Diode Silicon Epitaxial
CES521
CES521
CES521
CES521
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
High-Speed Switching
2.
2.
2.
2. Features
Features
Features
Features
(1)
Low forward voltage: VF(3) = 0.5 V (max).
(2)
Small and compact ESC package, equivalent to SOD-523 and SC-79
packages.
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
ESC
1: Cathode
2: Anode
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25
Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25
Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25
Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25
))))
Characteristics
Reverse voltage
Peak forward current
Average rectified current
Non-repetitive peak forward surge current
Power dissipation
Junction temperature
Storage temperature
Operating temperature
Symbol
VR
IFM
IO
IFSM
PD
Tj
Tstg
Topr
Note
(Note 1)
(Note 2)
Rating
30
300
200
1
150
125
-55 to 125
-40 to 100
Unit
V
mA
A
mW
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Measured with a 10ms pulse.
Note 2: Mounted on a glass-epoxy circuit board of 20 mm × 20 mm, Pad dimension of 4 mm × 4 mm.
2012-05-24
Rev.5.0


Similar Part No. - CES521

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
More results

Similar Description - CES521

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
High Speed Switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
HIGH SPEED SWITCHING
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
High speed switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
High-Speed Switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
High speed switching
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com