Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS08F30 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CUS08F30
Description  High-Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS08F30 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CUS08F30 Datasheet HTML 1Page - Toshiba Semiconductor CUS08F30 Datasheet HTML 2Page - Toshiba Semiconductor CUS08F30 Datasheet HTML 3Page - Toshiba Semiconductor CUS08F30 Datasheet HTML 4Page - Toshiba Semiconductor CUS08F30 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CUS08F30
2
5.
5.
5.
5. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Forward voltage
Reverse current
Total capacitance
Symbol
VF(1)
VF(2)
VF(3)
IR(1)
Ct
Note
Test Condition
IF = 10 mA
IF = 100 mA
IF = 800 mA
VR = 30 V
VR = 0 V, f = 1 MHz
Min
Typ.
0.22
0.28
0.40
170
Max
0.45
50
Unit
V
µA
pF
6.
6.
6.
6. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 Marking
Marking
Marking
Marking
Marking Code
HQ
Part Number
CUS08F30
7.
7.
7.
7. Usage Considerations
Usage Considerations
Usage Considerations
Usage Considerations
•
Schottky barrier diodes (SBDs) have reverse leakage greater than other types of diodes. This makes SBDs
more susceptible to thermal runaway under high-temperature and high-voltage conditions. Thus, both
forward and reverse power losses of SBDs should be considered for thermal and safety design.
8.
8.
8.
8. Land Pattern Dimensions for Reference Only
Land Pattern Dimensions for Reference Only
Land Pattern Dimensions for Reference Only
Land Pattern Dimensions for Reference Only
Fig.
Fig.
Fig.
Fig. 8.1
8.1
8.1
8.1 Land Pattern Dimensions for Reference Only (Unit: mm)
Land Pattern Dimensions for Reference Only (Unit: mm)
Land Pattern Dimensions for Reference Only (Unit: mm)
Land Pattern Dimensions for Reference Only (Unit: mm)
2012-06-12
Rev.4.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com