Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSF01S30SC Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DSF01S30SC
Description  High-Speed Switching Application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DSF01S30SC Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DSF01S30SC Datasheet HTML 1Page - Toshiba Semiconductor DSF01S30SC Datasheet HTML 2Page - Toshiba Semiconductor DSF01S30SC Datasheet HTML 3Page - Toshiba Semiconductor DSF01S30SC Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DSF01S30SC
2009-12-03
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
DSF01S30SC
High-Speed Switching Application
Abusolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Reverse voltage
VR
30
V
Average forward current
IO
100*
mA
Surge current (10ms)
IFSM
2
A
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
*: Mounted on a glass-epoxy circuit board of 20 × 20 mm, pad
dimensions of 4 × 4 mm.
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF(1)
―
IF = 10 mA
―
0.27
0.3
V
Forward voltage
VF(2)
―
IF = 100 mA
―
0.41
0.5
V
Reverse current
IR(1)
―
VR = 10 V
―
―
7
μA
Reverse current
IR(2)
―
VR = 30 V
―
―
50
μA
Total capacitance
CT
―
VR = 0, f = 1 MHz
⎯
9.3
⎯
pF
Marking
Equivalent Circuit (Top View)
JEDEC
―
JEITA
―
TOSHIBA
1-1R1A
Weight: 0.17 mg (typ.)
Unit: mm
0.27±0.02
1
2
0.32±0.03
0.025±0.015
1: CATHODE
2: ANODE
SC2


Similar Part No. - DSF01S30SC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DSF01S30SL TOSHIBA-DSF01S30SL Datasheet
155Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
More results

Similar Description - DSF01S30SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2333 FAIRCHILD-KSC2333 Datasheet
56Kb / 5P
High Speed Switching Application
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
High Speed Switching Application
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
High Speed Switching Application
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
High Speed Switching Application
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
High speed switching application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com