Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT3S19R Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MT3S19R
Description  VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT3S19R Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MT3S19R Datasheet HTML 1Page - Toshiba Semiconductor MT3S19R Datasheet HTML 2Page - Toshiba Semiconductor MT3S19R Datasheet HTML 3Page - Toshiba Semiconductor MT3S19R Datasheet HTML 4Page - Toshiba Semiconductor MT3S19R Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MT3S19R
2010-08-18
3
hFE-IC
IC-VBE
10
100
1000
1
10
100
COMMON EMITTER
VCE=5V
Ta=25℃
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
COMMON EMITTER
VCE=5V
Ta=25℃
Collector-current IC(mA)
Base-emitter voltage VBE(V)
IC-VCE
fT-IC
0
10
20
30
40
50
60
70
80
90
100
110
0
12
3
45
67
8
COMMON EMITTER
Ta=25℃
100μA
200μA
300μA
400μA
500μA
600μA
700μA
800μA
900μA
0
2
4
6
8
10
12
14
16
110
100
VCE=5V
f=1GHz
Ta=25℃
Collector-emitter voltage VCE(V)
Collector-current IC(mA)
|S21e|
2-IC
NF, Ga -IC
0
2
4
6
8
10
12
14
16
18
20
22
1
10
100
VCE=5V
Ta=25℃
f=1000MHz
f=500MHz
0
1
2
3
4
5
6
110
100
2
4
6
8
10
12
14
NF
Ga
VCE=5V
f=1GHz
Ta=25℃
Collector-current IC(mA)
Collector-current IC(mA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com