Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP6LC24-2P Datasheet(PDF) 1 Page - Protek Devices

Part # SMP6LC24-2P
Description  MULTI-LINE LOW CAPACITANCE TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMP6LC24-2P Datasheet(HTML) 1 Page - Protek Devices

  SMP6LC24-2P Datasheet HTML 1Page - Protek Devices SMP6LC24-2P Datasheet HTML 2Page - Protek Devices SMP6LC24-2P Datasheet HTML 3Page - Protek Devices SMP6LC24-2P Datasheet HTML 4Page - Protek Devices SMP6LC24-2P Datasheet HTML 5Page - Protek Devices SMP6LC24-2P Datasheet HTML 6Page - Protek Devices SMP6LC24-2P Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05088.R11 10/12
Page 1
SMP6LC05-2P - SMP6LC24-2P
MULTI-LINE Low CaPaCITaNCE TVS aRRaY
DESCRIPTIoN
The SMP6LCxx-2P Series are high powered multi-line low capacitance transient voltage suppressor arrays that
provides board level protection for standard TTL and MOS bus line applications against the damaging effects of ESD,
tertiary lightning and switching transients.
This series has a peak pulse power rating of 400 Watts for an 10/1000µs waveshape. This device series meets the IEC
61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FEaTURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 100A (Applies to 5V)
• 100A (2/10µs) per Bellcore GR-1089 (Intra Building)
• 400 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• 3,900 Watts Peak Pulse Power per Line (tp = 8/20µs)
• ITKU.20 I
PP @ 40A (5/310µs) (Applies to 5V and 6.5V)
• Bidirectional Configuration
• High Surge Capability
• Available in Multiple Voltages
• Protects 2 Bidirectional Lines
• Low Capacitance < 30pF per Line Pair
• RoHS Compliant
• REACH Compliant
MEChaNICaL ChaRaCTERISTICS
• Molded JEDEC SO-16 Package
• Approximate Weight: 0.15 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 16mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPLICaTIoNS
• T1/E1
• Customer Premise Equipment (CPE)
• Telecommunication Equipment
• Wireless Communication Equipment
PIN CoNFIGURaTIoN
So-16 PaCkaGE
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15


Similar Part No. - SMP6LC24-2P

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMP6LC24-2P PROTEC-SMP6LC24-2P Datasheet
103Kb / 4P
LOW CAPACITANCE TVS ARRAY
SMP6LC24-2P PROTEC-SMP6LC24-2P Datasheet
726Kb / 7P
MULTI-LINE LOW CAPACTANCE TVS ARRAY
More results

Similar Description - SMP6LC24-2P

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VSMF05LC PROTEC-VSMF05LC_11 Datasheet
493Kb / 6P
multi-line low capacitance tvs array
VSMF05LCC PROTEC-VSMF05LCC_11 Datasheet
518Kb / 6P
multi-line low capacitance tvs array
MSMF05LC PROTEC-MSMF05LC_11 Datasheet
584Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
MSMF05LCC PROTEC-MSMF05LCC_11 Datasheet
517Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
PAM14ST6305LCC PROTEC-PAM14ST6305LCC Datasheet
520Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLC01-6 PROTEC-PLC01-6_11 Datasheet
639Kb / 7P
HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
MSMF05LC PROTEC-MSMF05LC_12 Datasheet
496Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
MSMF05LCC PROTEC-MSMF05LCC_12 Datasheet
518Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC_12 Datasheet
497Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
VSMF05LCC PROTEC-VSMF05LCC_12 Datasheet
521Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com