Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB50805 Datasheet(PDF) 2 Page - Protek Devices

Part # USB50805
Description  500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB50805 Datasheet(HTML) 2 Page - Protek Devices

  USB50805 Datasheet HTML 1Page - Protek Devices USB50805 Datasheet HTML 2Page - Protek Devices USB50805 Datasheet HTML 3Page - Protek Devices USB50805 Datasheet HTML 4Page - Protek Devices USB50805 Datasheet HTML 5Page - Protek Devices USB50805 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05322.R3 10/12
Page 2
USB50803 - USB50824C
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Note 1-5)
DEVICE
MARkING
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAkDOWN
VOLTAGE
@1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@I
P = 5A
V
C
VOLTS
MAXIMUM
LEAkAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CAPACITANCE
@0V, 1Mhz
C
pF
USB50803
GA
3.3
4.5
8.0
11.0
125
3
USB50803C
UGA
3.3
4.5
8.0
11.0
125
3
USB50805
GB
5.0
6.0
10.8
13.0
20
3
USB50805C
UGB
5.0
6.0
10.8
13.0
20
3
USB50812
GC
12.0
13.3
19.0
26.0
1
3
USB50812C
UGC
12.0
13.3
19.0
26.0
1
3
USB50815
GD
15.0
16.7
24.0
32.0
1
3
USB50815C
UGD
15.0
16.7
24.0
32.0
1
3
USB50824
GE
24.0
26.7
43.0
57.0
1
3
USB50824C
UGE
24.0
26.7
43.0
57.0
1
3
NOTES
1. Part numbers with a “C” suffix are bidirectional devices, i.e., USB50803C.
2. Do not apply sureg in the forward direction of the TVS.
3. PIV typically greater than 100V for each rectifier diode.
4. Electrical characteristics apply to pins 8 to 1, 2 to 7, 6 to 3 and 4 to 5 for the bidirectional configuration.
5. Electrical characteristics apply to pins 7 to 2 and 5 to 4 for the unidirectional configuration.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com