Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD2452R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2452R
Description  Timing Generator for Progressive Scan CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2452R Datasheet(HTML) 5 Page - Sony Corporation

  CXD2452R Datasheet HTML 1Page - Sony Corporation CXD2452R Datasheet HTML 2Page - Sony Corporation CXD2452R Datasheet HTML 3Page - Sony Corporation CXD2452R Datasheet HTML 4Page - Sony Corporation CXD2452R Datasheet HTML 5Page - Sony Corporation CXD2452R Datasheet HTML 6Page - Sony Corporation CXD2452R Datasheet HTML 7Page - Sony Corporation CXD2452R Datasheet HTML 8Page - Sony Corporation CXD2452R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
– 5 –
CXD2452R
Electrical Characteristics
DC Characteristics
(Within the recommended operating conditions)
Item
Pins
Symbol
Conditions
Min.
Typ.
Max.
Unit
∗1 These input pins do not have protective diodes on the internal power supply side.
∗2 These input pins have internal pull-down resistors.
∗3 The above table indicates the condition for 3.3V drive.
Supply voltage 1
Supply voltage 2
Supply voltage 3
Supply voltage 4
Input voltage 1∗1
Input
voltage 2∗1 ∗2
Input
voltage 3∗2
Output
voltage 1
Output
voltage 2
Output
voltage 3
Output
voltage 4
Output
voltage 5
Output
voltage 6
Output
voltage 7
VDD2
VDD3
VDD4
VDD1, VDD5,
VDD6, VDD7
RST, DSGAT,
SSI, SSK, SEN,
FRI, HRI
EBCKSM
TEST
RG
H1, H2
XSHP, XSHD,
XRS, PBLK,
XCLPDM
3/2MCK, MCK,
CLD
1/2MCK
XV1, XV2, XV3,
XSUB, XSG1,
XSG2, XCLPOB,
ID, WEN
FRO, HRO
VDDa
VDDb
VDDc
VDDd
VIH1
VIL1
VIH2
VIL2
VIH3
VIL3
VOH1
VOL1
VOH2
VOL2
VOH3
VOL3
VOH4
VOL4
VOH5
VOL5
VOH6
VOL6
VOH7
VOL7
3.0
3.0
3.0
3.0
0.8VDDd
0.8VDDd
0.7VDDd
VDDa – 0.8
VDDb – 0.8
VDDc – 0.8
VDDd – 0.8
VDDd – 0.8
VDDd – 0.8
VDDd – 0.8
3.3
3.3
3.3
3.3
3.6
3.6
3.6
3.6
0.2VDDd
0.2VDDd
0.3VDDd
0.4
0.4
0.4
0.4
0.4
0.4
0.4
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –10.4mA
Pull-in current where IOL = 7.2mA
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –10.4mA
Pull-in current where IOL = 7.2mA
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –2.4mA
Pull-in current where IOL = 4.8mA
Feed current where IOH = –3.6mA
Pull-in current where IOL = 7.2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com