Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32651 Datasheet(PDF) 2 Page - EPCOS

Part # B32651
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32651 Datasheet(HTML) 2 Page - EPCOS

  B32651_11 Datasheet HTML 1Page - EPCOS B32651_11 Datasheet HTML 2Page - EPCOS B32651_11 Datasheet HTML 3Page - EPCOS B32651_11 Datasheet HTML 4Page - EPCOS B32651_11 Datasheet HTML 5Page - EPCOS B32651_11 Datasheet HTML 6Page - EPCOS B32651_11 Datasheet HTML 7Page - EPCOS B32651_11 Datasheet HTML 8Page - EPCOS B32651_11 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Typical applications
Electronic ballasts
Switch-mode power supplies
Climatic
Max. operating temperature: 110
°C
Climatic category (IEC 60068-1): 55/100/56
Construction
Dielectric: polypropylene (PP)
Wound capacitor technology with internal
series connection for VR
≥1250 V DC
Plastic case (UL 94 V-0)
Epoxy resin sealing
Features
High pulse strength
High contact reliability
Terminals
Parallel wire leads, lead-free tinned
Special lead lengths available on request
Marking
Manufacturer's logo,
lot number (
≤27.5 mm), series number
(e.g. 651),
rated capacitance (coded), cap. tolerance (code letter),
rated DC voltage
(AC voltage for 1600 V DC/700 V AC and
2000 V DC/1000 V AC),
date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
10
0.6
B32651
15
0.8
B32652
22.5
0.8
B32653
27.5
0.8
B32654
37.5
1.0
B32656
Metallized polypropylene film capacitors (MKP)
B32651 ... B32656
High pulse (wound)
Page 2 of 39
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com