Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32674D Datasheet(PDF) 13 Page - EPCOS

Part # B32674D
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674D Datasheet(HTML) 13 Page - EPCOS

Back Button B32674D Datasheet HTML 9Page - EPCOS B32674D Datasheet HTML 10Page - EPCOS B32674D Datasheet HTML 11Page - EPCOS B32674D Datasheet HTML 12Page - EPCOS B32674D Datasheet HTML 13Page - EPCOS B32674D Datasheet HTML 14Page - EPCOS B32674D Datasheet HTML 15Page - EPCOS B32674D Datasheet HTML 16Page - EPCOS B32674D Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ESL values
ESL
2-pin
25 nH
4-pin
17 nH
Typical waveforms
Restrictions:
VR: Maximum operating peak voltage of either polarity but of a non-reversing waveform, for which
the capacitor has been designed for continuous operation.
AC
≤ 0.2 V
R
VP, max: Maximum permissible recurrent voltage that may appear for 2% of the period.
B32674 ... B32678
MKP DC link
high power series
Page 13 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com