Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS56 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SS56
Description  SURFACE MOUNT S CHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SS56 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SS56 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SS56 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
SS52
THRU
SS510
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PULSE W IDTH 8.3ms
SINGLE HALF-SINE-W AVE
(JEDEC METHOD)
FIG. 2
MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
200
150
100
50
0
100
50
20
10
1
2
5
FIG. 1
FORW ARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
2.0
0
25
4.0
6.0
50
75
100
125
150
175
1.0
3.0
5.0
SINGLE PHASE HALF W AVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0.375″(9.5mm) LEAD LENGTHS
FIG.4-TYPICAL FORW ARD CHARACTERISTICS
INSTANTANEOUS FORW ARD VOLTAGE, VOLTS
1.0
0.1
10
0.1
0.2
0.5
0.3
0.6
0.9
0.4
0.7
0.8
100
1.0
SS52
SS55-SS56
SS53
SS54
SS58-SS510
TJ = 25
°C
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.2-TYPICAL REVER CHARACTERISTICS
40
60
80
100
120
140
20
0.01
0.1
20
1.0
0.001
0
10
TJ=75℃
TJ=100℃
TJ=25℃
FIG.3
TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
0.1
4000
1000
100
1
10
100
SS52-SS54
SS55-SS56
TJ = 25
°C f = 1 MHz
SS52 THRU SS510
20V-100V
5.0A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com