Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3897 Datasheet(PDF) 13 Page - International Rectifier

Part # IR3897
Description  4A HIGHLY INTEGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3897 Datasheet HTML 9Page - International Rectifier IR3897 Datasheet HTML 10Page - International Rectifier IR3897 Datasheet HTML 11Page - International Rectifier IR3897 Datasheet HTML 12Page - International Rectifier IR3897 Datasheet HTML 13Page - International Rectifier IR3897 Datasheet HTML 14Page - International Rectifier IR3897 Datasheet HTML 15Page - International Rectifier IR3897 Datasheet HTML 16Page - International Rectifier IR3897 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
- 13 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
13
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
4.4
4.6
4.8
5
5.2
5.4
5.6
25
30
35
40
45
50
55
60
65
70
75
80
85
TAmb
0 LFM
Lout-3.3uH,6.5mΩ(Wurth Elektronik 7443340330)
4.4
4.6
4.8
5
5.2
5.4
5.6
25
30
35
40
45
50
55
60
65
70
75
80
85
TAmb
0 LFM
Lout-1.5uH,6.7mΩ(Cyntec PCMB065T-1R5MS)
THERMAL DERATING CURVES 
 
Measurement done on Evaluation board of IRDC3897.PCB is 4 layer board with 2 oz Copper, FR4 material, size 2.23"x2" 
 
PVin = 12V, Vout=1.2V, Vcc = Internal LDO (6.4V), Fs = 600kHz 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
PVin = 12V, Vout=3.3V, Vcc = Internal LDO (6.4V), Fs = 600kHz 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Note: International Rectifier Corporation specifies current rating of SupIRBuck devices conservatively. The continuous current
load capability might be higher than the rating of the device if input voltage is 12V typical and switching frequency is below
750 kHz.The above derating curves are generated at 12V input ,600kHz with 0-200LFM air flow and ambient temperature up
to 85°C.Detailed thermal derating information can be found in the Application Note AN-1174 “Thermal Derating of DC DC
Convertors using IR3899/98/97”. However, the maximum current is limited by the internal current limit and designers need to
consider enough guard bands between load current and minimum current limit to guarantee that the device does not trip at
steady state condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com