Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL22 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SSL22
Description  Surface Mount Schottk
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SSL22 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SSL22 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SSL22 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V-40V 2.0A
SSL22 THRU SSL24
Surface Mount Schottk
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
Barrier Rectifier
•
Low profile surface mount package
•
Built-in strain relief
•
High switching speed, low VF
•
Low voltage drop, high efficiency
•
For use in low voltage high frequency inverters,
Free willing, and polarity protection applications
•
Guarding for over voltage protection
•
Case: Transfer molded plastic
•
Epoxy :UL 94V-0 rate flame retardant
•
Lead: Solder plated, solderable per MIL-STD-750
method 2026
•
Polarity: Color band denotes cathode end
•
Weight: 0.003 ounce, 0.093 gram
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
TJ
OC
TSTG
OC
Typical Thermal Resistance (Note 2)
RθjL
RθjA
25
70
OC/W
Maximum Instantaneous Forward Voltage (Note 1)
@ 2 A
VF
0.41
V
SL23
SL24
- 55 to + 125
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
Type Number
Maximum Average Forward Rectified Current
14
Maximum RMS Voltage
Maximum DC Blocking Voltage
40
IR
Note 2: Mount on Cu-Pad Size 10mm × 10mm on P.C.B.
Marking Code
Note 1: Pulse Test with PW=300u sec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
Maximum DC Reverse Current
TA=25 ℃
at Rated DC Blocking Voltage
TA=100 ℃
Maximum Repetitive Peak Reverse Voltage
30
28
40
2
21
0.4
- 55 to + 150
SL22
20
30
SSL22
SSL23
50
60
80
SSL24
mA
20
A


Similar Part No. - SSL22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL22 TSC-SSL22 Datasheet
50Kb / 2P
2.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL22 TSC-SSL22 Datasheet
127Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL22 MIC-SSL22 Datasheet
59Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL22 TSC-SSL22 Datasheet
378Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL22 TSC-SSL22 Datasheet
208Kb / 2P
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
More results

Similar Description - SSL22

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30FWJ2CZ47M TOSHIBA-30FWJ2CZ47M Datasheet
170Kb / 3P
SCHOTTKY BARRIER TYPE (LOW FORWARD VOLTAGE SCHOTTK BARRIER)
logo
Microsemi Corporation
1N6097 MICROSEMI-1N6097_07 Datasheet
128Kb / 2P
50 Amp Schottk Rectifier
logo
Shenzhen Taychipst Elec...
MBRA120 TAYCHIPST-MBRA120 Datasheet
1Mb / 2P
SURFACE MOUNT SCHOTTK Y BARRIER RECTIFIER
SSH210 TAYCHIPST-SSH210 Datasheet
10Mb / 2P
Surface Mount Schottk Barrier Rectifier
SSL32 TAYCHIPST-SSL32 Datasheet
10Mb / 2P
Surface Mount Schottk Barrier Rectifier
SSL42 TAYCHIPST-SSL42 Datasheet
10Mb / 2P
Surface Mount Schottk Barrier Rectifier
logo
PACELEADER INDUSTRIAL
SR220-01 PACELEADER-SR220-01 Datasheet
664Kb / 2P
2.0AMP SCHOTTK BARRIER RECTIFIERS
logo
Shanghai Leiditech Elec...
SP5U100L LEIDITECH-SP5U100L Datasheet
648Kb / 3P
LOW VF Schottk-y BARRIER RECTIFIER
SP5100 LEIDITECH-SP5100 Datasheet
646Kb / 3P
LOW VF Schottk-y BARRIER RECTIFIER
DSK24 LEIDITECH-DSK24 Datasheet
1Mb / 3P
2.0AMP SURFACE MOUNT LOW VF SCHOTTK RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com