Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL32 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SSL32
Description  Surface Mount Schottk Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SSL32 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SSL32 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SSL32 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V-40V 3.0A
SSL32 THRU SSL34
Surface Mount Schottk
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
Barrier Rectifier
•
Low profile surface mount package
•
Built-in strain relief
•
High switching speed, low VF
•
Low voltage drop, high efficiency
•
For use in low voltage high frequency inverters,
Free willing ,and polarity protection applications
•
Guardring for over voltage protection
•
Case: Transfer molded plastic
•
Epoxy :UL 94V-0 rate flame retardant
•
Lead: Solder plated, solderable per MIL-STD-750
method 2026
•
Polarity: Color band denotes cathode end
•
Weight: 0.007 ounce, 0.25 gram-DO-214AB(SMC)
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
SYMBOLS
SSL32
SSL33
SSL34
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
Volts
Maximum RMS Voltage
VRMS
20
30
40
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
Volts
Maximum Average Forward Rectified Current
at TL see figure1 TL=95
I(AV)
3.0
Amps
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
80
Amps
Maximum Instantaneous Forward Voltage @ 3.0A
(Note1)
VF
0.38
0.45
Volts
TA = 25
0.5
Maximum DC Reverse Current at rated
DC Blocking Voltage per element
TA = 100
IR
10.0
mA
R JA
55
Typical Thermal Resistance (Note 2)
R JL
12
Operating Junction Temperature
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1.
Pulse test: 300μs pulse width,1% duty cycle
2.
PCB mounted with 0.55”×0.55”(14.0cm×14.0cm) copper pads
C
°C/W
°
C
°


Similar Part No. - SSL32

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL32 TSC-SSL32 Datasheet
49Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL32 TSC-SSL32 Datasheet
129Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL32 MIC-SSL32 Datasheet
58Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL32 TSC-SSL32 Datasheet
383Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL32 TSC-SSL32 Datasheet
204Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SSL32

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRB820 MIC-SRB820 Datasheet
49Kb / 2P
SURFACE MOUNT BARRIER RECTIFIER
logo
Microsemi Corporation
1N6097 MICROSEMI-1N6097_07 Datasheet
128Kb / 2P
50 Amp Schottk Rectifier
logo
Shenzhen Taychipst Elec...
MBRA120 TAYCHIPST-MBRA120 Datasheet
1Mb / 2P
SURFACE MOUNT SCHOTTK Y BARRIER RECTIFIER
SSH210 TAYCHIPST-SSH210 Datasheet
10Mb / 2P
Surface Mount Schottk Barrier Rectifier
SSL22 TAYCHIPST-SSL22 Datasheet
10Mb / 2P
Surface Mount Schottk
SSL42 TAYCHIPST-SSL42 Datasheet
10Mb / 2P
Surface Mount Schottk Barrier Rectifier
logo
PACELEADER INDUSTRIAL
SR220-01 PACELEADER-SR220-01 Datasheet
664Kb / 2P
2.0AMP SCHOTTK BARRIER RECTIFIERS
logo
Shanghai Leiditech Elec...
SP5U100L LEIDITECH-SP5U100L Datasheet
648Kb / 3P
LOW VF Schottk-y BARRIER RECTIFIER
SP5100 LEIDITECH-SP5100 Datasheet
646Kb / 3P
LOW VF Schottk-y BARRIER RECTIFIER
DSK24 LEIDITECH-DSK24 Datasheet
1Mb / 3P
2.0AMP SURFACE MOUNT LOW VF SCHOTTK RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com