Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1963
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology LT1963 Datasheet HTML 15Page - Linear Technology LT1963 Datasheet HTML 16Page - Linear Technology LT1963 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3029
13
3029fa
APPLICATIONS INFORMATION
Bypass Capacitance and Low Noise Performance
Using a bypass capacitor connected between a channel’s
BYP pin and its corresponding OUT pin significantly low-
ers LT3029 output voltage noise, but is not required in
all applications. Linear Technology recommends a good
quality low leakage capacitor. This capacitor bypasses
the regulator’s reference, providing a low frequency noise
pole. A 10nF bypass capacitor introduces a noise pole that
decreases output voltage noise to as low as 20μVRMS.
Using a bypass capacitor provides the added benefit of
improving transient response. With no bypass capacitor,
and a 10μF output capacitor, a 100mA to 500mA load step
settles to within 1% of its final value in approximately
100μs. With the addition of a 10nF bypass capacitor and
evaluating the same load step, output voltage excursion
stays within 1% (see Transient Response in the Typical
Performance Characteristics section). Using a bypass
capacitor makes regulator start-up time proportional to
the value of the bypass capacitor. For example, a 10nF
bypass capacitor and 10μF output capacitor slow start-up
time to 15ms.
Output Capacitance and Transient Response
The LT3029 design is stable with a wide range of output
capacitors. The ESR of the output capacitor affects stabil-
ity, most notably with small capacitors. Linear Technology
recommends a minimum output capacitor of 3.3μF with
an ESR of 3Ω, or less, to prevent oscillations. The LT3029
is a micropower device, and output transient response is
a function of output capacitance. Larger values of output
capacitance decrease the peak deviations and provide
improved transient response for larger load current
changes.
Ceramic capacitors require extra consideration. Manufac-
turers make ceramic capacitors with a variety of dielectrics,
each with different behavior across temperature and
applied voltage. The most common dielectrics specify
the EIA temperature characteristic codes of Z5U, Y5V,
X5R and X7R. Z5U and Y5V dielectrics provide high C-V
products in a small package at low cost, but exhibit strong
voltage and temperature coefficients, as shown in Figures
2 and 3. When used with a 5V regulator, a 16V 10μF Y5V
capacitor can exhibit an effective value as low as 1μF to
2μF for the applied DC bias voltage and over the operat-
ing temperature range. X5R and X7R dielectrics result in
more stable characteristics and are more suitable for use
as the output capacitor. The X7R type has better stability
across temperature, while the X5R is less expensive and
is available in higher values.
DC BIAS VOLTAGE (V)
3029 F02
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3029 F03
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 2. Ceramic Capacitor DC Bias Characteristics
Figure 3. Ceramic Capacitor Temperature Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com