Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX33L Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SX33L
Description  LOW VF SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SX33L Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SX33L Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SX33L Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30V 3.0A
SX33L
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
• Low forward voltage drop, low reverse current
• High Efficiency
• In compliance with EU RoHS 2002/95/EC directives
• Case: JEDEC DO-214AC molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.0023 ounce, 0.0679 gram
NOTES:
1. Mounted on P.C. Board with 25mm2 copper pad areas.
2. Pulse Test with PW =300µsec, 1% Duty Cycle.
ABSOLUTE MAXIMUM RATINGS (TA= 25°C)
ELECTRICAL CHARACTERISTICS (TA= 25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Instantaneous forward voltage
(Note 2)
VF
I F=1A
I F=2A
I F=3A
TJ=25oC
-
-
-
0.29
0.32
0.35
0.31
0.35
0.37
V
I F=1A
I F=2A
I F=3A
TJ=125oC
-
-
-
0.17
0.21
0.26
-
-
-
V
Reverse current
I R
VR=21V
TJ=25oC
TJ=125oC
-
0.3
90
0.5
-
mA
VR=30V
TJ=25oC
TJ=125oC
-
-
0.8
160
1
-
mA
PARAMETER
SYMBOL
LIMITS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
30
V
Maximum Average Rectified Forward Current
I O
3A
Peak Surge Forward Current
I FSM
75
A
Typical Thermal Resistance
(Note 1)
RΘJA
RΘJL
100
20
oC/W
Operating Junction Temperature Range
TJ
-55 to +125
oC
Storage Temperature Range
TSTG
-55 to +150
oC
LOW VF SCHOTTKY BARRIER DIODE


Similar Part No. - SX33L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SX33L PANJIT-SX33L Datasheet
82Kb / 3P
LOW VF SCHOTTKY BARRIER DIODE
SX33L PANJIT-SX33L_16 Datasheet
269Kb / 5P
LOW VF SCHOTTKY BARRIER DIODE
SX33L_R1_00001 PANJIT-SX33L_R1_00001 Datasheet
269Kb / 5P
LOW VF SCHOTTKY BARRIER DIODE
SX33L_R2_00001 PANJIT-SX33L_R2_00001 Datasheet
269Kb / 5P
LOW VF SCHOTTKY BARRIER DIODE
More results

Similar Description - SX33L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EA NXP-PMEG2010EA Datasheet
106Kb / 7P
Low VF (MEGA) Schottky barrier diode
2004 Feb 06
PMEG2015EA NXP-PMEG2015EA Datasheet
110Kb / 7P
Low VF (MEGA) Schottky barrier diode
2004 Feb 03
PMEG6010AED NXP-PMEG6010AED Datasheet
106Kb / 7P
Low VF (MEGA) Schottky barrier diode
2003 Jun 27
logo
Pan Jit International I...
SX33L PANJIT-SX33L Datasheet
82Kb / 3P
LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
MSCD102LH ZOWIE-MSCD102LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD102LSH ZOWIE-SSCD102LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
Low VF SMD Schottky Barrier Diode
logo
Zowie Technology Corpor...
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD104LSH ZOWIE-SSCD104LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
logo
Pan Jit International I...
SX33L PANJIT-SX33L_16 Datasheet
269Kb / 5P
LOW VF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com