Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3897MPBF Datasheet(PDF) 29 Page - International Rectifier

Part # IR3897MPBF
Description  4A HIGHLY INTEGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897MPBF Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3897MPBF Datasheet HTML 25Page - International Rectifier IR3897MPBF Datasheet HTML 26Page - International Rectifier IR3897MPBF Datasheet HTML 27Page - International Rectifier IR3897MPBF Datasheet HTML 28Page - International Rectifier IR3897MPBF Datasheet HTML 29Page - International Rectifier IR3897MPBF Datasheet HTML 30Page - International Rectifier IR3897MPBF Datasheet HTML 31Page - International Rectifier IR3897MPBF Datasheet HTML 32Page - International Rectifier IR3897MPBF Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
- 29 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
29
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
The ESR zero of the output capacitor is expressed as 
follows: 
1
(18)
2
ESR
o
F
π*ESR* C

 
VOUT
VREF
R6
R5
C
PO LE
C3
R3
Ve
FZ
F
PO LE
E/A
Z f
Frequency
Gain(dB )
H(s) dB
Fb
Com p
Z IN
 
Figure 26: Type II compensation network  
and its asymptotic gain plot 
The transfer function (Ve/Vout) is given by:  
33
53
1
( )
(19)
f
e
out
IN
Z
VsR C
Hs
VZ
sR C
 
 

 
The (s) indicates that the transfer function varies as a 
function of frequency. This configuration introduces a 
gain and zero, expressed by: 

3
5
33
(20)
1
(21)
2*
*
z
R
Hs
R
F
RC


 
First select the desired zero‐crossover frequency (Fo): 

o
(22)
and F
1/5~1/10 *
oESR
s
FF
F 

 
Use the following equation to calculate R3: 
5
3
2
**
*
(23)
*
osc
o
ESR
in
LC
VF F
R
R
VF

 
Where: 
Vin = Maximum Input Voltage 
Vosc = Amplitude of the oscillator Ramp Voltage 
Fo = Crossover Frequency 
FESR = Zero Frequency of the Output Capacitor 
FLC = Resonant Frequency of the Output Filter 
R5 = Feedback Resistor 
 
To cancel one of the LC filter poles, place the zero before the 
LC filter resonant frequency pole: 
75 % *
1
0.75*
(24)
2*
zLC
z
oo
FF
F
LC

 
Use equations (20), (21) and (22) to calculate C3. 
One more capacitor is sometimes added in parallel with C3 
and R3. This introduces one more pole which is mainly used 
to suppress the switching noise. 
The additional pole is given by: 
3
3
3
1
(25)
*
2*
*
P
POLE
POLE
F
CC
R
CC

 
The pole sets to one half of the switching frequency which 
results in the capacitor CPOLE: 
3
3
3
11
(26)
1
POLE
s
s
C
*R *F
*R *F
C

 
For a general solution for unconditional stability for any type 
of output capacitors, and a wide range of ESR values, a type III 
compensation network can be used, as shown in Fig. 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com