Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD2467Q Datasheet(PDF) 21 Page - Sony Corporation

Part # CXD2467Q
Description  Digital Signal Driver/Timing Generator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2467Q Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXD2467Q Datasheet HTML 17Page - Sony Corporation CXD2467Q Datasheet HTML 18Page - Sony Corporation CXD2467Q Datasheet HTML 19Page - Sony Corporation CXD2467Q Datasheet HTML 20Page - Sony Corporation CXD2467Q Datasheet HTML 21Page - Sony Corporation CXD2467Q Datasheet HTML 22Page - Sony Corporation CXD2467Q Datasheet HTML 23Page - Sony Corporation CXD2467Q Datasheet HTML 24Page - Sony Corporation CXD2467Q Datasheet HTML 25Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
– 21 –
CXD2467Q
(k) Limiter block
This block performs limiter processing so that the output signal does not exceed a certain range. First, the
input data is compared with the low-side limiter level LLIM and high-side limiter level HLIM coefficients. When
these results are input data
≤ LLIM, the output is clipped at the LLIM level. When HLIM ≤ input data, the output
is clipped at the HLIM level. When LLIM < IN < HLIM, the input data is output directly. Note that the two
coefficients are shared by R, G and B, and the initial values are both 000h. Set the two coefficients so as to
constantly maintain the relationship LLIM < HLIM. Also, when both coefficient values are 000h, limiter
processing is not performed.
Output
Limiter
10
Input
10
10
Coefficient (HLIM)
10
Coefficient (LLIM)
(l) Negative/positive inversion
This block performs negative/positive inversion processing. Here, negative/positive inversion processing is
performed by outputting the input data directly when the select data is low, or inverting and outputting the input
data when the select data is high. The select data is shared by R, G and B, and the initial value is 0h.
Select data
Output
Selector
10
Input
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com