Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCV7101F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCV7101F
Description  Buck DC-DC Converter IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCV7101F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCV7101F Datasheet HTML 1Page - Toshiba Semiconductor TCV7101F Datasheet HTML 2Page - Toshiba Semiconductor TCV7101F Datasheet HTML 3Page - Toshiba Semiconductor TCV7101F Datasheet HTML 4Page - Toshiba Semiconductor TCV7101F Datasheet HTML 5Page - Toshiba Semiconductor TCV7101F Datasheet HTML 6Page - Toshiba Semiconductor TCV7101F Datasheet HTML 7Page - Toshiba Semiconductor TCV7101F Datasheet HTML 8Page - Toshiba Semiconductor TCV7101F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TCV7101F
2011-10-27
2
Ordering Information
Part Number
Shipping
TCV7101F (TE12L, Q)
Embossed tape (3000 units per reel)
Block Diagram
Pin Description
Pin No.
Symbol
Description
1
VIN1
Input pin for the output section
This pin is placed in the standby state if VEN = low. Standby current is 10 μA or less.
2
VIN2
Input pin for the control section
This pin is placed in the standby state if VEN = low. Standby current is 10 μA or less.
3
SS
Soft-start pin
When the SS input is left open, the soft-start time is 1 ms (typ.). The soft-start time can be adjusted
with an external capacitor. The external capacitor is charged from a 8 μA (typ.) constant-current
source, and the reference voltage of the error amplifier is regulated between 0 V and 0.8 V. The
external capacitor is discharged when EN = low and in case of undervoltage lockout or thermal
shutdown.
4
GND
Ground pin
5
VFB
Feedback pin
This input is fed into an internal error amplifier with a reference voltage of 0.8 V (typ.).
6
EN
Enable pin
When EN ≥ 1.5 V (@ VIN = 5 V), the internal circuitry is allowed to operate and thus enable the
switching operation of the output section. When EN ≤ 0.5 V (@ VIN = 5 V), the internal circuitry is
disabled, putting the TCV7101F in Standby mode.
This pin has an internal pull-down resistor of approx. 500 kΩ.
7
LSG
Gate drive pin for the low-side switch
8
LX
Switch pin
This pin is connected to high-side P-channel MOSFET.
Control logic
Current detection
VIN1
LX
LSG
+
-
Slope
compensation
ジ
Under
voltage
lockout
VIN2
Constant-current
source (8 μA)
GND
+
-
Phase compensation
Soft start
Error amplifier
Ref. voltage (0.8 V)
EN
VFB
SS
-
Short-Circuit
protection
Driver
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com