Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCV7108FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCV7108FN
Description  Buck DC-DC Converter IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCV7108FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCV7108FN Datasheet HTML 1Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 2Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 3Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 4Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 5Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 6Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 7Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 8Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TCV7108FN
2011-10-03
2
Ordering Information
Part Number
Shipping
TCV7108FN (TE85L, F) Embossed tape (3000 units per reel)
Block Diagram
Pin Description
Pin No.
Symbol
Description
1
PGND
Ground pin for the output section
2
VIN1
Input pin for the output section
This pin is placed in the standby state if VEN=”L”. Standby current is 10 A or less.
3
VIN2
Input pin for the control section
This pin is placed in the standby state if VEN=”L”. Standby current is 10 A or less.
4
SGND
Ground pin for the control section
5
VFB
Feedback pin
This input is fed into an internal error amplifier with a reference voltage of 0.8 V (typ.).
6
SS
Soft-start pin
When the SS input is left open, the soft-start time is 1 ms (typ.). The soft-start time can be adjusted
with an external capacitor. The external capacitor is charged from a 8
A (typ.) constant-current
source, and the reference voltage of the error amplifier is regulated between 0 V and 0.8 V. The
external capacitor is discharged when VEN=”L” and in case of undervoltage lockout or thermal
shutdown.
7
EN
Enable pin
When EN
 1.5 V (@ VIN  5 V), the internal circuitry is allowed to operate and thus enable the
switching operation of the output section. When EN
 0.5 V (@ VIN  5 V), the internal circuitry is
disabled, putting the TCV7108FN in Standby mode.
This pin has an internal pull-down resistor of approx. 500 k
.
8
LX
Switch pin
This pin is connected to high-side P-channel MOSFET and low-side N-channel MOSFET.
EN
Driver
Control logic
Current detection
LX
PGND
+
-
VFB
Constant-current
source (8
A)
SGND
+
-
Phase compensation
SS
Slope
Compensation
Soft Start
Error amplifier
Under
voltage
lockout
Ref. Voltage (0.8V)
-
Oscillator
Short-Circuit
Protection
VIN1
VIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com