Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U1C Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # U1C
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

U1C Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  U1C Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd U1C Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Ultrafast Plastic Rectifier
U1B
THRU U1D
100V-200V
1.0A
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mechanical Data
• Oxide planar chip junction
• Ultrafast recovery time
• Low forward voltage, low power losses
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
• Oxide planar chip junction
• Ultrafast recovery time
• Low forward voltage, low power losses
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
U1B
U1C
U1D
UNIT
Device marking code
U1B
U1C
U1D
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage (1)
IF = 0.6 A
IF = 1.0 A
TA = 25 °C
VF
0.82
0.87
0.87
0.92
V
IF = 0.6 A
IF = 1.0 A
TA = 100 °C
0.71
0.76
0.78
0.84
Reverse current (2)
rated VR
TA = 25 °C
TA = 100 °C
IR
-
55
5.0
100
µA
Reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
TA = 25 °C
trr
-15
ns
IF = 0.6 A, dI/dt = 50 A/µs,
VR = 30 V, Irr = 0.1 IRM
TA = 25 °C
TA = 100 °C
trr
24
29
-
-
ns
Storage charge
IF = 0.6 A, dI/dt = 50 A/µs,
VR = 30 V, Irr = 0.1 IRM
TA = 25 °C
TA = 100 °C
Qrr
7
13
-
-
nC
Typical junction capacitance
4.0 V, 1 MHz
CJ
6.8
-
pF


Similar Part No. - U1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U1C VISHAY-U1C Datasheet
103Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
13-May-08
U1C VISHAY-U1C Datasheet
78Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
19-Apr-11
U1C VISHAY-U1C Datasheet
93Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
09-Apr-2020
logo
RFE international
U1C RFE-U1C Datasheet
2Mb / 3P
Surface Mount Ultra Fast Recovery Rectifier Diodes
14-01-2021
logo
Vishay Siliconix
U1C-M3 VISHAY-U1C-M3 Datasheet
92Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
30-Aug-13
More results

Similar Description - U1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURS140 VISHAY-MURS140 Datasheet
102Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
MURS340 VISHAY-MURS340_07 Datasheet
106Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
01-Aug-08
U1B VISHAY-U1B Datasheet
103Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
13-May-08
MURS340 VISHAY-MURS340_15 Datasheet
88Kb / 6P
Surface Mount Ultrafast Plastic Rectifier
20-Feb-15
U1B VISHAY-U1B_V01 Datasheet
93Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
09-Apr-2020
MURS240 VISHAY-MURS240_V01 Datasheet
103Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
08-Apr-2020
MURS460 VISHAY-MURS460_V01 Datasheet
102Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
13-May-2020
ES1A VISHAY-ES1A_V01 Datasheet
100Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
01-Apr-2020
ESH2B VISHAY-ESH2B_V01 Datasheet
107Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
13-May-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com