Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1045F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPD1045F
Description  Low-Side Power Switch for Motor, Solenoid and Lamp Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1045F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPD1045F Datasheet HTML 1Page - Toshiba Semiconductor TPD1045F Datasheet HTML 2Page - Toshiba Semiconductor TPD1045F Datasheet HTML 3Page - Toshiba Semiconductor TPD1045F Datasheet HTML 4Page - Toshiba Semiconductor TPD1045F Datasheet HTML 5Page - Toshiba Semiconductor TPD1045F Datasheet HTML 6Page - Toshiba Semiconductor TPD1045F Datasheet HTML 7Page - Toshiba Semiconductor TPD1045F Datasheet HTML 8Page - Toshiba Semiconductor TPD1045F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TPD1045F
2006-10-31
2
Block Diagram
Pin Description
Pin No.
Symbol
Pin Description
1, 2, 3
SOURCE
Source (ground) pin
4
IN
Input pin.
This pin is connected to a pull-down resistor internally, so that even when input wiring is
open-circuited, output can never be turned on inadvertently.
5 ,6, 7, 8
DRAIN
Drain pin.
When the load is short circuited and current in excess of the detection current (10A min) flows to
the drain (output) pin, the drain (output) automatically turns on or off.
Timing Chart
Note 2: The overheating detector circuits feature hysteresis. After overheating is detected, normal operation is
restored only when the channel temperature falls by the hysteresis amount (10°C typ.) in relation to the
overheating detection temperature.
DRAIN
SOURCE
IN
Over temperature
detection/protection
Over current
detection/protection
Input Signal
VIN
Overcurrent detection
(Load short circuit)
Over temperature
detection
Drain to source Voltage
VDS
Drain Current
ID
Over current protection
Thermal shutdown
(Note 2)
Normal
VCL(DSS)
VDD
Inductive load
Over temperature detection
Over temperature recovery



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com