Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4142K Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TPD4142K
Description  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4142K Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TPD4142K Datasheet HTML 9Page - Toshiba Semiconductor TPD4142K Datasheet HTML 10Page - Toshiba Semiconductor TPD4142K Datasheet HTML 11Page - Toshiba Semiconductor TPD4142K Datasheet HTML 12Page - Toshiba Semiconductor TPD4142K Datasheet HTML 13Page - Toshiba Semiconductor TPD4142K Datasheet HTML 14Page - Toshiba Semiconductor TPD4142K Datasheet HTML 15Page - Toshiba Semiconductor TPD4142K Datasheet HTML 16Page - Toshiba Semiconductor TPD4142K Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TPD4142K
2012-02-09
13
1.0
3.0
2.0
4.0
Junction temperature Tj (°C)
VCEsatH – Tj
Junction temperature Tj (°C)
VCEsatL – Tj
Junction temperature Tj (°C)
VFH – Tj
Junction temperature Tj (°C)
VFL – Tj
Control power supply voltage VCC (V)
ICC – VCC
Control power supply voltage VCC (V)
VREG – VCC
1.4
−50
3.4
3.0
2.6
2.2
1.8
0
50
100
150
IC = 700 mA
IC = 500 mA
IC = 300 mA
VCC = 15 V
−50
0
50
100
150
150
−50
0
50
100
12
14
16
18
18
5.0
12
5.5
6.0
6.5
14
16
7.0
Tj =−40°C
Tj =25°C
Tj =135°C
IREG = 30 mA
150
IC = 700 mA
IC = 500 mA
IC = 300 mA
−50
3.4
3.0
2.6
2.2
1.8
0
50
100
VCC = 15 V
1.4
1.2
1.4
1.6
1.8
2.0
IF = 700 mA
IF = 500 mA
IF = 300 mA
IF = 700 mA
IF = 500 mA
IF = 300 mA
2.2
2.4
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Tj =−40°C
Tj =25°C
Tj =135°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com