Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG2B Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # UG2B
Description  ULTRAFAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

UG2B Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  UG2B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd UG2B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-200V
2.0A
UG2A
THRU UG2D
JEDEC DO-204AC, molded plastic body
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mechanical Data
♦ Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
♦ Ideally suited for use in very high frequency switching
power supplies, inverters
and as a free wheeling diode
♦ Ultrafast recovery time for high efficiency
♦ Soft recovery characteristics
♦ Excellent high temperature switching
♦ Glass passivated junction
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Case:
over passivated chip
Terminals: Axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.34 gram
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
UG2A
UG2B
UG2C
UG2D
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TL=75°C
I(AV)
2.0
Amps
Peak forward surge current
8.3 ms single half sine-wave superimposed
IFSM
80.0
Amps
on rated load (JEDEC Method) at TL=75°C
Maximum instantaneous forward voltage at 2.0A
VF
0.95
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=100°C
IR
200.0
µA
Maximum reverse recovery time (NOTE 1)
trr
15.0
ns
Maximum reverse recovery time
TJ=25°C
25.0
(NOTE 2)TJ=100°C
trr
35.0
ns
Maximum stored charge
TJ=25°C
10.0
(NOTE 2)
TJ=100°C
Qrr
22.0
nC
Typical junction capacitance (NOTE 3)
CJ
15.0
pF
Typical thermal resistance (NOTE 4)
R
ΘJA
45.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) trr and Qrr at: IF=2.0A, VR=30V, di/dt=50A/
µs, Irr=10% IRM for measurement of trr
(3) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(4) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length


Similar Part No. - UG2B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG2B GE-UG2B Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG2B VISHAY-UG2B Datasheet
96Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG2B SEMTECH_ELEC-UG2B Datasheet
260Kb / 2P
SUPER FAST RECTIFIERS
logo
Gulf Semiconductor
UG2B GULFSEMI-UG2B Datasheet
86Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?2.0A
logo
Vishay Siliconix
UG2B VISHAY-UG2B Datasheet
71Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
More results

Similar Description - UG2B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SUF30G GE-SUF30G Datasheet
43Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UF4001 GE-UF4001 Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG1A GE-UG1A Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG2A GE-UG2A Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG30APT GE-UG30APT Datasheet
73Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG8AT GE-UG8AT Datasheet
41Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGB18ACT GE-UGB18ACT Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGF18ACT GE-UGF18ACT Datasheet
84Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
UG4A TAYCHIPST-UG4A Datasheet
2Mb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
SUF30G SHUNYE-SUF30G Datasheet
492Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com