Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS32 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ALS32
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS32 Datasheet(HTML) 2 Page - Kemet Corporation

  ALS32 Datasheet HTML 1Page - Kemet Corporation ALS32 Datasheet HTML 2Page - Kemet Corporation ALS32 Datasheet HTML 3Page - Kemet Corporation ALS32 Datasheet HTML 4Page - Kemet Corporation ALS32 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ØD
Lt
L
H
M
Insulating Disk
T (measured
from deck
surface)
“+” SIGN
S
TD
V
Safety Vent
DT
Z
TD
V
DT
sPEcification
terminal options
fig. 1
fig. 2
terminal style a
terminal styles a (ø35mm), c
terminations
Aluminium inserts M5 threads as standard, max. torque
2NM. M6 threaded inserts have a max. torque 4NM. Max.
torque for stud mounting M8:4NM and M12:8NM.
als32 85°c
A
35mm only
M5
7.14
8
-
10
Fig.2
A
51, 63.5, 76 & 90mm
M5
5.5
13
10
10
Fig.1
C
63.5, 76 & 90mm
M6
5.5
13
-
10
Fig.2
terminal
case diameter
thread
height
diameter
flats
thread depth
drawing
style
availability
t mm ±0.8
dt mm ±0.5
Z mm
td mm (min.)
case Polarity
Due to the presence of electrolyte in the capacitor the aluminium
can and stud mounting will essentially be at the same polarity
as the negative terminal. We recommend that the stud and can
are insulated (see accessories for insulating nuts).
casE
d
d
l
l
lt
s
t
v
m
h
mounting
wEight
codE unsleeved sleeved
unsleeved
sleeved
sleeved
thrEad
cliP
grams
±0.8
±0.8
±1.6
±1.6
±1
±0.5
±0.8
±1
dimensions (mm)
D2C
34.9
35.3
54.0
55.1
61.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
80
D2L
34.9
35.3
66.7
67.8
74.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
95
D3C
34.9
35.3
79.4
80.5
87.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
115
D3L
34.9
35.3
92.1
93.2
100.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
130
D4C
34.9
35.3
104.8
105.9
112.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
150
D4L
34.9
35.3
117.5
118.6
125.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
165
D5C
34.9
35.3
130.2
131.3
138.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
185
D5L
34.9
35.3
142.9
144.0
151.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
205
K2C
50.8
51.2
54.0
55.1
60.0
22.2
5.5
13.7
M12
16
V4/UTE2737
165
K2L
50.8
51.2
66.7
67.8
73.0
22.2
5.5
13.7
M12
16
V4/UTE2737
200
K3C
50.8
51.2
79.4
80.5
86.0
22.2
5.5
13.7
M12
16
V4/UTE2737
240
K3L
50.8
51.2
92.1
93.2
98.0
22.2
5.5
13.7
M12
16
V4/UTE2737
275
K4C
50.8
51.2
104.8
105.9
111.0
22.2
5.5
13.7
M12
16
V4/UTE2737
315
KJA
50.8
51.2
114.3
115.4
119.0
22.2
5.5
13.7
M12
16
V4/UTE2737
340
K4L
50.8
51.2
117.5
118.6
124.0
22.2
5.5
13.7
M12
16
V4/UTE2737
350
K5C
50.8
51.2
130.2
131.3
136.0
22.2
5.5
13.7
M12
16
V4/UTE2737
385
K5L
50.8
51.2
142.9
144.0
149.0
22.2
5.5
13.7
M12
16
V4/UTE2737
425
L3C
63.5
63.9
79.4
80.5
84.0
28.5
5.5
15.8
M12
16
V8
370
L3L
63.5
63.9
92.1
93.2
97.0
28.5
5.5
15.8
M12
16
V8
430
L4C
63.5
63.9
104.8
105.9
110.0
28.5
5.5
15.8
M12
16
V8
485
LJA
63.5
63.9
114.3
115.4
119.0
28.5
5.5
15.8
M12
16
V8
535
L4L
63.5
63.9
117.5
118.6
123.0
28.5
5.5
15.8
M12
16
V8
545
L5C
63.5
63.9
130.2
131.3
135.0
28.5
5.5
15.8
M12
16
V8
600
L5L
63.5
63.9
142.9
144.0
148.0
28.5
5.5
15.8
M12
16
V8
660
N3L
76.2
76.6
92.1
93.2
97.0
31.8
5.5
19
M12
16
V11
615
N4C
76.2
76.6
104.8
105.9
110.0
31.8
5.5
19
M12
16
V11
700
NJA
76.2
76.6
114.3
115.4
119.0
31.8
5.5
19
M12
16
V11
770
N4L
76.2
76.6
117.5
118.6
123.0
31.8
5.5
19
M12
16
V11
780
N5C
76.2
76.6
130.2
131.3
135.0
31.8
5.5
19
M12
16
V11
865
N5L
76.2
76.6
142.9
144.0
148.0
31.8
5.5
19
M12
16
V11
950
N5R
76.2
76.6
149.2
150.4
154.0
31.8
5.5
19
M12
16
V11
990
N6L
76.2
76.6
168.3
169.4
173.0
31.8
5.5
19
M12
16
V11
1115
N7L
76.2
76.6
193.7
194.8
198.0
31.8
5.5
19
M12
16
V11
1280
N8L
76.2
76.6
219.1
220.2
224.0
31.8
5.5
19
M12
16
V11
1450
Q5R
88.9
90
149.2
150.4
154.0
31.8
5.5
25
M12
16
V90
1360
Q6L
88.9
90
168.3
169.4
173.0
31.8
5.5
25
M12
16
V90
1520
Q7L
88.9
90
193.7
194.8
198.0
31.8
5.5
25
M12
16
V90
1870
Q8L
88.9
90
219.1
220.2
224.0
31.8
5.5
25
M12
16
V90
2000
als33
stud mounting
als32
clamp mounting



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com