Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS36 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ALS36
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS36 Datasheet(HTML) 2 Page - Kemet Corporation

  ALS36 Datasheet HTML 1Page - Kemet Corporation ALS36 Datasheet HTML 2Page - Kemet Corporation ALS36 Datasheet HTML 3Page - Kemet Corporation ALS36 Datasheet HTML 4Page - Kemet Corporation ALS36 Datasheet HTML 5Page - Kemet Corporation ALS36 Datasheet HTML 6Page - Kemet Corporation ALS36 Datasheet HTML 7Page - Kemet Corporation ALS36 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ØD
Lt
L
H
M
Insulating Disk
T (measured
from deck
surface)
“+” SIGN
S
TD
V
Safety Vent
DT
Z
TD
V
DT
SPECIFICATION
* Dimensions Lt will change dependant on terminal style.
Terminal options (preferred options shown in bold**)
Fig. 1
Fig. 2
Terminal styles A, R
Terminal styles A (ø36mm only),
C, G, J, M, H & E
Terminations
Aluminium inserts with 10-32 UNF Class 2B or M5 threads as standard, max. torque 2NM. 1/4-28 UNF Class 2B or M6 threaded
inserts have a max. torque 4NM. Max. torque for stud mounting M8:4NM and M12:8NM.
ALS36 85°C
A
M5
5.5
13
0.217
0.512
10 / (0.394")
Fig.1
A
M5
7.14
8
0.281
0.315
10 / (0.394")
Fig.2
C
M6
5.5
13
0.217
0.512
10 / (0.394")
Fig.2
E
1/4-28 UNF class 2B
6.35
17
0.250
0.670
11.8 / (0.465")
Fig.2
G
M6
6.35
17
0.250
0.670
11.8 / (0.465")
Fig.2
H**
10-32 UNF class 2B
7.14
8
0.281
0.315
10 / (0.394")
Fig.2
J
M6
3.17
17
0.125
0.670
8.8 / (0.346")
Fig.2
M
M5
7.14
8
0.281
0.315
10 / (0.394")
Fig.2
R (note 1)
M5
5.5
15
0.217
0.590
10 / (0.394")
Fig.1
Terminal
Thread
Height - T
Diameter - DT
Height - T
Diameter - DT
Thread depth - TD
Drawing
Style
mm
mm
inches
inches
mm / (inches)
±0.8
±0.5
±0.031
±0.019
minimum
A1
•
•
•
A2
•
C
•
•
E
•
•
G
•
•
H
•
•
•
•
J
•
•
M
•
•
•
•
R
•
•
Terminal
Case Diameter mm (inches)
Style
35 (1.375)
51 (2)
63.5 (2.5)
76 (3)
Terminal availability
Case Polarity
Due to the presence of electrolyte in the capacitor the aluminium can and stud mounting will essentially be at the same polarity as the
negative terminal. We recommend that the stud and can are insulated (see accessories for insulating nuts)..
ALS36
Clamp Mounting
ALS37
Stud Mounting



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com