Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS40 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ALS40
Description  IEC 60384-4 Long Life Grade 40/105/56
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS40 Datasheet(HTML) 2 Page - Kemet Corporation

  ALS40 Datasheet HTML 1Page - Kemet Corporation ALS40 Datasheet HTML 2Page - Kemet Corporation ALS40 Datasheet HTML 3Page - Kemet Corporation ALS40 Datasheet HTML 4Page - Kemet Corporation ALS40 Datasheet HTML 5Page - Kemet Corporation ALS40 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
77
BHC and Evox Rifa Electrolytic Capacitors
Case
d
L
Lt*
S
t
V
M
H
MOUntIng WEIgHtgrams terminalStyle
Code ±1
±2
±1
±0.5 ±0.5
mm tHREad
±1
CLIp
nom.
a C g J M R
DA
36
52
58.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
75
•
DB
36
62
67.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
90
•
DE
36
82
87.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
115
•
DF
36
105
111.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
140
•
KE
51
82
86.5
22.2
5.5
13.7
M12
16
V4/UTE2737
220
•
KF
51
105
110.5
22.2
5.5
13.7
M12
16
V4/UTE2737
300
•
MF
66
105
110.5
28.5
5.5
15.8
M12
16
V10/UTE2738
505
•
•
ND
77
75
79.5
31.8
5.5
19
M12
16
V11
495
•
•
•
•
•
•
NF
77
105
110.5
31.8
5.5
19
M12
16
V11
690
•
•
•
•
•
•
NP
77
146
150.5
31.8
5.5
19
M12
16
V11
960
•
•
•
•
•
•
NT
77
220
224.5
31.8
5.5
19
M12
16
V11
1450
•
•
•
•
•
•
QC
90
67
71.5
31.8
5.5
25
M12
16
V90
615
•
•
•
QD
90
75
79.5
31.8
5.5
25
M12
16
V90
690
•
•
•
QH
90
98
103.5
31.8
5.5
25
M12
16
V90
900
•
•
•
QP
90
146
149.5
31.8
5.5
25
M12
16
V90
1345
•
•
•
QT
90
220
223.5
31.8
5.5
25
M12
16
V90
2000
•
•
•
ØD
Lt
L
H
M
Insulating Disk
T (measured
from deck
surface)
“+” SIGN
S
TD
V
Safety Vent
DT
Z
TD
V
DT
SpECIfICatIOn
* Dimensions Lt will change dependant on terminal style.
terminalsoptions
*preferredoptionsinbold
term. thread Height dia.-dt threaddepth
drawing
Style
t-mm
mm
td-mm
±0.5
±0.5
minimum
a*
M5
5.5
13
10
fig.1 Z=10mm
a*
M5
7.14
8
10
fig.2 ø36mmonly
C
M6
5.5
13
10
Fig.2
G
M6
6.35
17
11.8
Fig.2
J
M6
3.17
17
8.8
Fig.2
M
M5
7.14
8
10
Fig.2
R
M5
5.5
15
10
Fig.1
Z=13mm
dimensionstableaLS40(sleeved)mm
fig.1
fig.2
terminalstylesa,R
terminalstylesa(ø36mmonly),
C,g,J,M
terminations
Aluminium inserts with M5 threads as standard, max. torque 2NM. Optional M6 threaded inserts have a max. torque 4NM. Max.
torque for stud mounting M8:4NM and M12:8NM.
aLS40105°C
aLS40
ClampMounting
aLS41
StudMounting



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com