Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSSB310 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # VSSB310
Description  Surface Mount Trench MOS Barrier Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

VSSB310 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  VSSB310 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd VSSB310 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSSB310
100V
3.0A
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mechanical Data
Surface Mount Trench MOS Barrier Schottky Rectifier
• Low profile package
• Ideal for automated placement
• Trench MOS Schottky technology
• Low power losses, high efficiency
• Low forward voltage drop
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Case: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSSB310
UNIT
Device marking code
V3B
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum DC forward current
IF (1)
3.0
A
IF (2)
1.9
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
80
A
Non-repetitive avalanche energy
at TJ = 25 °C, L = 60 mH
EAS
50
mJ
Peak repetitive reverse current at tp = 2 µs, 1 kHz,
TJ = 38 °C ± 2 °C
IRRM
1.0
A
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C
Notes
(1)
Free air, mounted on recommended P.C.B. 1 oz. pad area. Thermal resistance RθJA - junction to ambient
(2)
Units mounted on P.C.B. with 10 mm x 10 mm copper pad areas. RθJM - junction to mount
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
100 (minimum)
-
V
Instantaneous forward voltage
IF = 3.0 A
TA = 25 °C
VF (1)
0.62
0.70
V
TA = 125 °C
0.56
0.65
Reverse current
VR = 70 V
TA = 25 °C
IR (2)
1.5
-
µA
TA = 125 °C
1.2
-
mA
VR = 100 V
TA = 25 °C
7.0
250
µA
TA = 125 °C
3.6
20
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
230
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSSB310
UNIT
Typical thermal resistance
RθJA (1)
120
°C/W
RθJM (2)
15


Similar Part No. - VSSB310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSSB310 VISHAY-VSSB310 Datasheet
94Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
25-Aug-09
VSSB310-E3 VISHAY-VSSB310-E3 Datasheet
94Kb / 4P
Ideal for automated placement
05-Nov-13
VSSB310-E3 VISHAY-VSSB310-E3 Datasheet
102Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
08-Mar-2021
VSSB310-E3-52T VISHAY-VSSB310-E3-52T Datasheet
94Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
25-Aug-09
VSSB310-E3-52T VISHAY-VSSB310-E3-52T Datasheet
91Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
20-Jul-12
More results

Similar Description - VSSB310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V3P6 VISHAY-V3P6 Datasheet
82Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
18-Oct-10
V3PAL45 VISHAY-V3PAL45 Datasheet
113Kb / 6P
Surface Mount Trench MOS Barrier Schottky Rectifier
30-Jul-13
V4PAN50 VISHAY-V4PAN50_15 Datasheet
111Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
31-Jul-13
VSSB410S VISHAY-VSSB410S_15 Datasheet
83Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
05-Nov-13
VSSC8L45-M3 VISHAY-VSSC8L45-M3_15 Datasheet
81Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-Mar-14
VSSAF5M12 VISHAY-VSSAF5M12 Datasheet
109Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF510 VISHAY-VSSAF510 Datasheet
108Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF515 VISHAY-VSSAF515 Datasheet
108Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF510 VISHAY-VSSAF510_V01 Datasheet
109Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF512 VISHAY-VSSAF512_V01 Datasheet
109Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com