Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2938CS12 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2938CS12
Description  500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938CS12 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2938CS12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938CS12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938CS12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938CS12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938CS12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2938CS12 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS2938
500mA Ultra Low Dropout Voltage Regulator
with Inhibit Function
3/6
Version: E11
Application Circuit
Application Information
Application
The TS2938 series is a high performance with low dropout voltage regulator suitable for moderate to high current
and voltage regulator application. Its 500Mv (typ) dropout voltage at full load and over temperature makes it
especially valuable in battery power systems and as high efficiency noise filters in post regulator applications.
Unlike normal NPN transistor design, where the base to emitter voltage drop and collector to emitter saturation
voltage limit the minimum dropout voltage, dropout performance of the PNP output of these devices is limited
only by low Vce saturation voltage.
The TS2938 series is fully protected from damage due to fault conditions. Linear current limiting is provided.
Output current during overload conditions is constant. Thermal shutdown the device when the die temperature
exceeds the maximum safe operating temperature. Transient protection allows device survival even when the
input voltage spikes above and below nominal. The output structure of these regulators allows voltages in excess
of the desired output voltage to be applied without reverse current flow.
Output Capacitor
The TS2938 series requires an output capacitor to maintain stability and improve transient response. Proper
capacitor selection is important to ensure proper operation. The output capacitor selection is dependent upon the
ESR of the output capacitor the maintain stability. When the output capacitor is 6.8uF or greater, the output
capacitor should have an ESR less than 2 ohm. This will improve transient response as well as promoted stability.
Ultra low ESR capacitors (<100mohm), such as ceramic chip capacitors may promote instability. These very low
ESR levels may cause an oscillation and/or under damped transient response. A low ESR solid tantalum
capacitor works extremely well and provide good transient response and stability over temperature. Aluminum
electrolytic can also be used, as long as the ESR of the capacitor is <2ohm. The value of the output capacitor
can be increased without limit. Higher capacitance values help to improved transient response and ripple
rejection and reduce output noise.
Minimum Load Current
The TS2938 series is specified between finite loads. If the output current is too small leakage currents dominate
and the output voltage rises. A 5mA minimum load current is necessary for proper regulation.
Input Capacitor
An input capacitor of 1uF or greater is recommended when the device is more that 4 inches away from the bulk
AC supply capacitance or when the supply is a battery. Small and surface mount ceramic chip capacitors can be
used for bypassing. Larger values will help to improve ripple rejection by bypassing the input to the regulator,
further improving the integrity of the output voltage.
Fixed Output Voltage Type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com