Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5215CS50 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS5215CS50
Description  300mA Low Noise LDO Voltage Regulator with Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5215CS50 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS5215CS50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5215CS50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5215CS50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5215CS50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5215CS50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5215CS50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5215CS50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5215CS50 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS5215CS50 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS5215
300mA Low Noise LDO
Voltage Regulator with Enable
2/9
Version: B07
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
-20~ +20
V
Enable Input Voltage
VCE
-20~ +20
V
Power Dissipation (Note 2)
PD
Internal limited
SOT-25
220
SOT-89-5L
110
Thermal Resistance
SOP-8
ӨJA
160
oC/W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Recommend Operating Rating (Note 2)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
+2.5 ~ +16
V
Enable Input Voltage
VCE
0 ~ VIN
V
Electrical Specification (VIN =Vo+1V, Io=100uA, COUT=1uF, Vce≥2V, TJ = 25oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
VIN=Vo + 1V
0.98|Vo|
VOUT
1.02|Vo|
V
Output Voltage Temp. Coefficient
(Note 4)
--
40
--
ppm/
oC
Line Regulation
Vo+1V ≤ VIN ≤ 16V
--
0.005
0.05
%
Load Regulation (Note 5)
0.1mA ≤ Io ≤ 300mA
--
0.02
0.2
%
Io=100uA
--
40
48
Io=50mA
--
150
190
Io=150mA
--
220
265
Dropout Voltage (Note 6)
Io=300mA
--
300
360
mV
Io=100uA
--
80
125
Io=50mA
--
350
600
Io=150mA
--
1000
1500
Ground Pin Current (Note 7)
Io=300mA
--
2500
5000
uA
VIN <0.4V (Shutdown)
--
0.01
1
Quiescent Current
VIN <0.18V (Shutdown)
--
--
5
uA
Output Current Limit
VOUT=0V
--
400
600
mA
Power Supply Rejection Ratio
At f=100Hz, Io=100uA,
--
75
--
dB
Thermal Regulation (Note 8)
--
0.05
--
%/W
Output Noise
Io=50mA, COUT=2.2uF,
--
260
--
nV√Hz
Enable Function
Enable Input Logic-Low Voltage
Regulation shutdown
--
--
0.4
V
Enable Input Logic-Low Voltage
Regulation enable
2.0
--
--
V
VIL≤ 0.4V
--
0.01
-1
Enable input Current
VIH≥ 2.0V
--
5
20
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com