Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL09C Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL09C
Description  5-4000 MHz High Linearity LNA MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL09C Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL09C Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL09C Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL09C Datasheet HTML 3Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASL09C
5-4000 MHz High Linearity LNA MMIC
C1=82 pF
L1=56 nH
C2=82 pF
RF IN
RF OUT
C3=100 pF
ASL09C
C4=10 nF
L2=18 nH
Vs=5 V
R1 =10W
C5=2 pF
R2=2 KW
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
Frequency (MHz)
1) OIP3 is measured with two tones at an output power of +5 dBm/tone sepa-
rated by 1 MHz.
0
500
1000
1500
2000
2500
3000
3500
4000
0
1
2
3
4
5
Frequency(MHz)
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
800
1950
2400
2700
Magnitude S21 (dB)
19.7
12.8
11.2
10.2
Magnitude S11 (dB)
-19
-18
-18
-18
Magnitude S22 (dB)
-10.5
-9.5
-11
-11
Output P1dB (dBm)
19.5
19.5
19.5
19.5
Output IP3
1) (dBm)
33
35
36
36
Noise Figure (dB)
0.8
0.85
1.05
1.1
Device Voltage (V)
4.5
4.5
4.5
4.5
Current (mA)
51
51
51
51
800 ~ 2700
+5 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com