Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL09S Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL09S
Description  5-4000 MHz High Linearity LNA MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL09S Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL09S Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL09S Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL09S Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL09S Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL09S Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL09S Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL09S Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
May 2012
ASL09S
5-4000 MHz High Linearity LNA MMIC
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 1 MHz.
0
500
1000
1500
2000
2500
3000
3500
4000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
4000
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
4000
0
1
2
3
4
5
Frequency(MHz)
0
500
1000
1500
2000
2500
3000
3500
4000
0
5
10
15
20
25
Frequency(MHz)
-40
oc
25
oc
85
oc
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
800
1950
2400
2700
3500
Magnitude S21 (dB)
19
12.6
10.8
9.8
7
Magnitude S11 (dB)
-18
-17
-18
-18
-18
Magnitude S22 (dB)
-10
-10
-10
-10
-9
Output P1dB (dBm)
17.5
18
18
18
19.5
Output IP3
1) (dBm)
28.5
30.5
32
33
31
Noise Figure (dB)
0.8
0.95
1.15
1.25
1.5
Device Voltage (V)
3
3
3
3
3
Current (mA)
28
28
28
28
28
800 ~ 3500
+3 V
C1=82 pF
L1=82 nH
C2=82 pF
RF IN
RF OUT
C3=100 pF
ASL09S
C4=10 nF
L2=18 nH
Vs=3 V
R1 =85 kW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com