Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL19D Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL19D
Description  High Gain, Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL19D Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL19D Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL19D Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL19D Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL19D Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL19D Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL19D Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
October 2010
ASL19D
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1MHz.
*100% in-house DC & RF testing is done on packaged products before taping
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Testing Frequency
MHz
2000
2400
2700
3500
2000
2400
2700
Gain
dB
24.5
21.5
20
16
24
19.5
19
S11
dB
-18
-16
-13
-18
-18
-14
-11
S22
dB
-10
-11
-14
-10
-9
-11
-12
Output IP3
1)
dBm
36
36.5
37
37.5
38
39
39
Noise Figure
dB
0.95
1.1
1.25
1.6
0.9
1.1
1.25
Output P1dB
dBm
19
19
19
20
23
23
23
Current
mA
90
90
90
90
90
90
90
Device Voltage
V
3
3
3
3
5
5
5
Parameters
Units
Min
Typ
Max
Frequency
MHz
2000
Gain
dB
23
24.5
S11
dB
-18
S22
dB
-10
Output IP3
dBm
34
36
Noise Figure
dB
0.95
1.1
Output P1dB
dBm
18
19
Current
mA
60
90
120
Device Voltage
V
3
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+5 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
22 dBm
Features
Description
Package Style: DFN-6
· 24.5 dB Gain at 2 GHz
· 36 dBm OIP3 at 2 GHz
· 19 dBm P1dB at 2 GHz
· 0.95 dB NF at 2 GHz
· Two-stage LNA
ASL19D is a two-stage LNA, which has a low
noise, high gain, and high linearity over a wide
range of frequency up to 5 GHz. It is also suitable
for use in the low noise amplifier block of the
mobile wireless systems of PCS, WCDMA, WiBro,
WiMAX, and WLAN so on. The amplifier is
available in a DFN-6 package and passes the
stringent DC, RF, and reliability tests.
Applications
·GPS Receiver
·CDMA, GSM, W-CDMA, PCS
·WiBro, WiMax, WLAN
·Gain Block
·IF Amplifier
Product Specifications*
More Information
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
ASB Inc., 4
th FI. Venture Town Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-716, Korea
Typical Performance
Application Circuit
·1700 ~ 2700 MHz
·3500 MHz
Absolute Maximum Ratings
Pin Configuration
Pin No.
Function
1
1st (2nd) stage RF IN
2,5
GND or NC
3
2nd (1st) stage
RF OUT
4
2nd (1st) stage RF IN
6
1st (2nd) stage
RF OUT


Similar Part No. - ASL19D

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19D ASB-ASL19D Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL19D ASB-ASL19D Datasheet
253Kb / 6P
High Gain, Low Noise Amplifier
October 2010
ASL19D ASB-ASL19D_13 Datasheet
253Kb / 6P
High Gain, Low Noise Amplifier
October 2010
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
More results

Similar Description - ASL19D

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com