Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL20G Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL20G
Description  Medium Gain, Low Noise GPS Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL20G Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL20G Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
October 2012
ASL20G
Medium Gain, Low Noise GPS Amplifier
1) IIP3 is measured with two tones at an input power of -40 dBm/tone separated by 1MHz.
1) Power On VCTL Voltage = 0.5 V < V
CTL < 5
Parameters
Units
Typical
Testing Frequency
MHz
1575
1575
1575
1575
2338
Gain
dB
16.5
21
17
22.5
21
S11
dB
-6
-10
-6
-15
-10
S22
dB
-14
-14
-18
-15
-15
Noise Figure
dB
1.0
0.65
1.1
0.55
0.6
Input IP3
1)
dBm
-21
-22
-16
-12
-3
Output P1dB
dBm
-10
-6
-9
0
3
Supply Current
mA
2.0
6.0
2.5
12.0
23
Supply Voltage
V
1.8
1.8
2.7
3.0
5.0
Control Current
mA
300
300
300
300
300
Control Voltage VCTL
V
1.8
1.8
2.7
3.0
5.0
Parameters
Units
Min
Typ
Max
Frequency
MHz
1575
Gain
dB
21
S11
dB
-10
S22
dB
-14
Noise Figure
dB
0.65
Supply Current
mA
4
6
8
Supply Voltage
V
1.8
Control Current
mA
300
Control Voltage VCTL
1)
V
1.8
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Supply Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
+5
· 21 dB Gain at 1575 MHz
· 0.65 dB NF at 1575 MHz
· Power ON/OFF Function
. Supply Voltage = 1.8 V
. 1.0x1.0x0.4 mm UQFN-6 package
Features
Description
ASL20G is an LNA for GPS and XM in mobile
equipment which requires lower current and lower
noise. Power saving function is built in. Low noise
performance is kept over the wide range of power
enable voltage and DC power supply voltage.
Applications
·GPS Receiver
·CDMA, GSM, W-CDMA, PCS
·WiBro, WiMax, WLAN
·Gain Block
·IF Amplifier
Product Specifications*
Typical Performance
Applications
Absolute Maximum Ratings
Pin No.
Function
1
RFOUT
2
VCTL
3
GND
4
RFIN
5
GND
6
NC(Not
connected)
Pin Configuration
Applications
·GPS (1.8 V/ 2 mA)
·GPS (1.8 V/ 6 mA)
·GPS (2.7 V/ 2.5 mA)
·GPS (3 V/ 12 mA)
·XM (5 V/ 23 mA)
Package Style: UQFN-6


Similar Part No. - ASL20G

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL20G ASB-ASL20G Datasheet
1Mb / 16P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
ASL20G ASB-ASL20G_13 Datasheet
710Kb / 10P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
September 2013
ASL20G ASB-ASL20G_17 Datasheet
1Mb / 16P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
More results

Similar Description - ASL20G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
Infineon Technologies A...
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
1.575 GHz GPS Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
logo
Advanced Semiconductor ...
ASL21X ASB-ASL21X Datasheet
1Mb / 14P
Medium Gain, Low Noise GPS Amplifier
July 2012
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
Low Noise Amplifier for GPS
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
GPS/GNSS Low-Noise Amplifier
2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com