Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL226 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL226
Description  700-6000MHz MMIC LNA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL226 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL226 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASL226
700-6000MHz MMIC LNA
1) OIP3 is measured with two tones at an output power of -10 dBm/tone separated by 1MHz.
* 100% in-house DC & RF testing is done on packaged products before taping.
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Frequency
MHz
1575
1575
1575
1575
900
1950
2450
3500
5800
Gain
dB
23.5
28
28.5
30.5
34
25
21.5
15
11.5
S11
dB
-14
-16
-20
-11
-14
-15
-16
-16
-20
S22
dB
-12
-15
-20
-14
-15
-20
-16
-12
-20
S12
dB
-40
-40
-40
-40
-40
-35
-30
-30
-25
Output IP3
1)
dBm
11
15.5
17
20
18
16.5
14
10
16.5
Noise Figure
dB
1.2
1.1
0.95
1.0
1.3
1.3
1.3
1.8
2.0
Output P1dB
dBm
9
11
11
11
9
10.5
11
8
9
Current
mA
5.5
8.5
9.5
18
8.5
8.5
8.5
8.5
8.5
Device Voltage
V
2.2
3
3.3
5
3
3
3
3
3
Parameters
Units
Min
Typ
Max
Frequency
MHz
1575
Gain
dB
27
28
S11
dB
-16
S22
dB
-15
S12
dB
-40
Output IP3
dBm
14
15.5
Noise Figure
dB
1.1
1.3
Output P1dB
dBm
9
11
Current
mA
5.5
8.5
11
Device Voltage
V
3
Parameters
Rating
Operating Case Temperature
-40 to
+85°C
Storage Temperature
-40 to
+150°C
Device Voltage
+5 V
Operating Junction Temperature
+150
°C
Input RF Power (CW, 50ohm matched)*
22 dBm
·
Two-stage LNA
· 28 dB gain & 1.1 dB NF at 1575 MHz
·
Unconditionally Stable
·
Need only 5 components
·
3 kV Contact Discharge ESD Rating
achievable with one external L (Refer
to an application circuit at page 7)
Features
Description
Package Style: SOT-363
ASL226 is a two-stage LNA for GPS receiver low noise
block. It has a low noise, high gain, and high linearity
over a wide range of frequency up to 6 GHz. It is also
suitable for use in the low noise amplifier block of the
mobile wireless systems of T-DMB, CDMA, GSM, PCS,
WCDMA, WiBro, WiMAX, and WLAN so on. The
amplifier is available in an SOT-363 package and
passes the stringent DC, RF, and reliability tests.
Product Specifications*
Typical Performance
Absolute Maximum Ratings
Pin Configuration
Pin No.
Function
1
VDD
2,4,5
GND
3
RF OUT
6
RF IN
Application Circuit
·
1575 MHz (1.8V)
·
1575 MHz (2.2V)
·
1575 MHz (3.3V)
·
1575 MHz (NF=0.95dB, 3.3V)
·
1575 MHz (Gain>30dB, 5V)
·
1575 MHz
(Robust ESD /
± 3 kV)
·
1575 MHz
(2.85V / 20dB Gain)
·
1575 MHz (With SAW Filter)
·
1176.45 MHz
·
1163~1210 / 1204~1240 MHz
·
1558~1577 MHz
·
1227 MHz
·
900 MHz
·
1950 MHz
·
2450 MHz
·
2300~2900 MHz
·
2300~2900 MHz (Low Gain)
·
3300 ~ 3800MHz
·
4000~4500 MHz
·
5800 MHz


Similar Part No. - ASL226

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226 Datasheet
1Mb / 22P
MMIC LNA
June 2017
ASL226 ASB-ASL226_14 Datasheet
1Mb / 20P
700-6000MHz MMIC LNA
April 2014
ASL226 ASB-ASL226_17 Datasheet
1Mb / 22P
MMIC LNA
June 2017
More results

Similar Description - ASL226

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FMM5701LG FUJITSU-FMM5701LG Datasheet
79Kb / 6P
LNA MMIC
logo
Hittite Microwave Corpo...
HMC668LP3 HITTITE-HMC668LP3 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 700 - 1200 MHz
logo
List of Unclassifed Man...
FXUB66 ETC2-FXUB66 Datasheet
2Mb / 14P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
FXUB66010150C ETC2-FXUB66010150C Datasheet
2Mb / 15P
Maximus Flexible Ultra Wide-Band Antenna 700-6000MHz
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226_14 Datasheet
1Mb / 20P
700-6000MHz MMIC LNA
April 2014
logo
Taoglas antenna solutio...
FXUB66010150C TAOGLAS-FXUB66010150C Datasheet
994Kb / 14P
Flexible Ultra Wide Band Antenna 700-6000MHz
FXUB66070150C TAOGLAS-FXUB66070150C Datasheet
1Mb / 13P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226_17 Datasheet
1Mb / 22P
MMIC LNA
June 2017
logo
Taoglas antenna solutio...
FXUB66.07.0150C TAOGLAS-FXUB66.07.0150C_17 Datasheet
1Mb / 13P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
FXUB66.01.0150C TAOGLAS-FXUB66.01.0150C_17 Datasheet
1Mb / 16P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com