Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL330 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL330
Description  Wideband Linear Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL330 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL330 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
September 2011
ASL330
Wideband Linear Amplifier MMIC
.
1) OIP3 and OIP2 are measured with two tones at an output power of +5 dBm/tone se-
parated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
3) 160 channels, +20 dBmV per channel (measured at output), 6 MHz channel spacing.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
APPLICATION CIRCUIT
CSO & CTB
S-parameters
Frequency (MHz)
50
500
860
Noise Figure (dB)
1.8
1.8
2.1
Magnitude S21 (dB)
16.2
16.0
16.3
Magnitude S11 (dB)
-14
-12
-14
Magnitude S22 (dB)
-12
-15
-20
Output P1dB (dBm)
21
21
19.5
Output IP3
1) (dBm)
39
41
38
Output IP2
1),2) (dBm)
51
51
50
CSO
3) (dBc)
66
CTB
3) (dBc)
76
Supply Voltage (V)
5
Current (mA)
105
0
100
200
300
400
500
600
700
800
900
1000
30
40
50
60
70
80
90
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
1000
40
50
60
70
80
90
100
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000 1100
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
S21
S12
S22
S11
Frequency [MHz]
Gain Flatness (0.3 dB)
CATV
50 ~ 1000 MHz
+5 V
C2=100 nF
C4=4.7 nF
Vs=5 V
RF IN
RF OUT
C5=68 pF
C6=1
mF
ASL330
C1=100 pF
C3=0.3 pF
L3=220 nH
(Coil Inductor)
L2=5.6 nH
L1=270 nH
(Coil Inductor)
L4=68 nH
R1=240
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com