Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL331 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL331
Description  Wideband Linear Push-pull Amplifier MMIC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL331 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL331 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
March 2012
ASL331
Wideband Linear Push-pull Amplifier MMIC
.
1) OIP3 and OIP2 are measured with two tones at an output power of +10 dBm/tone
separated by 1 MHz.
2) OIP2 is measured at F1+F2 Frequency.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
5
50
200
Noise Figure (dB)
1.6
1.4
1.5
Magnitude S21 (dB)
20.9
20.9
20.7
Magnitude S11 (dB)
-20
-20
-18
Magnitude S22 (dB)
-20
-20
-18
Output P1dB (dBm)
25
25
25.5
Output IP3
1) (dBm)
37.5
38.5
40.5
Output IP2
1),2) (dBm)
60
70
71
Device Voltage (V)
5
Current (mA)
220
Note: MABA-007159 1:1 impedance transformers
are used.
S-parameters
CATV Push-Pull
1 : 1 transformer
5 ~ 300 MHz
/ Without LPF
+5 V
RF IN
Vs=5 V
C4=10 uF
C5=10 nF
C1=10 nF
C2=10 nF
RF OUT
C6=10 nF
C8=10 uF
Vs=5 V
1 : 1
transformer
1 : 1
transformer
R1=560
W
R2=560
W
C3=10 nF
C7=10 nF
ASL331
L1=22 uH
(LQH31MN220J03)
L2=22 uH
(LQH31MN220J03)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
-50
-40
-30
-20
-10
0
10
20
30
40
50
Frequency (MHz)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
-50
-40
-30
-20
-10
0
10
20
30
40
50
Frequency (MHz)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
-50
-40
-30
-20
-10
0
10
20
30
40
50
Frequency (MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com