Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL360 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL360
Description  Wideband Linear Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL360 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL360 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
September 2011
ASL360
Wideband Linear Amplifier MMIC
Parameters
Units
Typical
Frequency
MHz
5
50
500
860
2150
Noise Figure
dB
1.8
1.5
1.6
1.7
2.3
Gain
dB
17.9
17.3
17.3
17.2
15.4
S11
dB
-18
-17
-15
-15
-10
S22
dB
-16
-17
-17
-15
-8
Output P1dB
dBm
19
21
21
17
17
Output IP3
dBm
34.5
1)
41.5
2)
40
2)
34
2)
36.5
2)
Output IP2
1),2),3)
dBm
36
53
53
62
-
CSO
4)
dBc
60
CTB
4)
dBc
75
Current
mA
110
Device Voltage
V
5
1) OIP3 and OIP2 are measured with two tones at an output power of +8 dBm/tone separated by 1 MHz.
2) OIP3 and OIP2 are measured with two tones at an output power of +5 dBm/tone separated by 6 MHz.
3) OIP2 is measured at F1+F2 Frequency.
4) 60 channels, +33 dBmV per channel (measured at output).
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
500
Gain
dB
16.3
17.3
S11
dB
-12
-15
S22
dB
-15
-17
Output IP3
dBm
37
40
Noise Figure
dB
1.6
1.8
Output P1dB
dBm
20
21
Current
mA
95
110
125
Device Voltage
V
5
Parameters
Rating
Operating Case Temperature
-40 to
+85°C
Storage Temperature
-40 to
+150°C
Device Voltage
+6V
Operating Junction Temperature
+160
°C
Input RF Power (CW, 75ohm matched)
5 dBm
Maximum Current
150 mA
Thermal Resistance
43
°C/W
Features
Description
Typical Performance
Absolute Maximum Ratings
·
17.3 dB Gain at 500 Mz
·
21 dBm P1dB at 500 MHz
·
40 dBm Output IP3 at 500 MHz
·
1.6 dB NF at 500 MHz
·
75 Ohm Input / Output Match
·
Bandwidth 5 ~ 1000 MHz
·
Single Supply 5 V
The ASL360, a wideband linear amplifier MMIC,
has a high linearity and low noise over a wide range
of frequency 5 MHz to 1 GHz, being suitable for use
in the fiber receiver, distribution amplifiers and drop
amplifiers of CATV systems, and in the mobile wire-
less repeaters and BTS. The amplifier is available in
an SOT-89 package and passes through the strin-
gent DC, RF, and reliability tests.
Application Circuit
·
50 ~ 1000 MHz
·
5 ~ 200 MHz
·
950 ~ 2150 MHz (SMATV)
·
50 ~ 1000 MHz
(Push-Pull / 1:1 transformer)
·
5 ~ 200 MHz
(Push-Pull / 1:1 transformer)
Product Specifications
ASL360
Package Style: SOT-89


Similar Part No. - ASL360

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL360 ASB-ASL360 Datasheet
927Kb / 12P
Wideband Linear Amplifier MMIC
September 2017
ASL360 ASB-ASL360_17 Datasheet
927Kb / 12P
Wideband Linear Amplifier MMIC
September 2017
More results

Similar Description - ASL360

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
Wideband Linear Amplifier MMIC
August 2012
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
ASL380 ASB-ASL380 Datasheet
672Kb / 7P
Wideband Linear Amplifier MMIC
March 2012
ASL390 ASB-ASL390 Datasheet
500Kb / 7P
Wideband Linear Amplifier MMIC
August 2012
ASL522 ASB-ASL522 Datasheet
536Kb / 6P
Wideband Linear Amplifier MMIC
July 2011
ASL550 ASB-ASL550 Datasheet
1Mb / 25P
Wideband Linear Amplifier MMIC
September 2012
ASL580 ASB-ASL580 Datasheet
453Kb / 8P
Wideband Linear Amplifier MMIC
October 2012
ASL330 ASB-ASL330_17 Datasheet
637Kb / 10P
Wideband Linear Amplifier MMIC
June 2017
ASL550 ASB-ASL550_17 Datasheet
1Mb / 26P
Wideband Linear Amplifier MMIC
June 2017
ASL560 ASB-ASL560 Datasheet
885Kb / 12P
Wideband Linear Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com