Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL380 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL380
Description  Wideband Linear Amplifier MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL380 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL380 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
March 2012
ASL380
Wideband Linear Amplifier MMIC
Parameters
Units
Typical
Frequency
MHz
5
50
500
860
2150
Noise Figure
dB
1.5
1.3
1.6
1.7
1.9
Gain
dB
21.2
19.6
19.2
18.8
16.8
S11
dB
-20
-15
-12
-12
-11
S22
dB
-20
-16
-18
-16
-13
Output P1dB
dBm
21
21
22
22
20
Output IP3
1)
dBm
40
41
41.5
41.5
39
Output IP2
1),2)
dBm
51
58
63
49
52
CSO
3)
dBc
60
CTB
3)
dBc
> 70
Current
mA
110
Device Voltage
V
5
1) OIP3 and OIP2 are measured with two tones at an output power of +5 dBm/tone separated by 1 MHz(up-link) or 6 MHz(down-link).
2) OIP2 is measured at F1+F2 Frequency.
3) Pout = 95 dBuV for 84 channels VHF signal.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
500
Gain
dB
19.2
S11
dB
-12
S22
dB
-18
Output IP3
dBm
41.5
Noise Figure
dB
1.6
Output P1dB
dBm
22
Current
mA
110
Device Voltage
V
5
Parameters
Rating
Operating Case Temperature
-40 to
+85°C
Storage Temperature
-40 to
+150°C
Device Voltage
+6V
Operating Junction Temperature
+160
°C
Input RF Power (CW, 75ohm matched)
6 dBm
Maximum Current
150 mA
Thermal Resistance
43
°C/W
Features
Description
Typical Performance
Absolute Maximum Ratings
·
19.2 dB Gain at 500 MHz
·
22 dBm P1dB at 500 MHz
·
41.5 dBm Output IP3 at 500 MHz
·
1.6 dB NF at 500 MHz
·
75 Ohm Input / Output Match
·
Bandwidth 5 ~ 1000 MHz
·
Single Supply 5 V
The ASL380, a wideband linear amplifier MMIC,
has a high linearity and low noise over a wide range
of frequency 5 MHz to 1 GHz, being suitable for use
in the fiber receiver, distribution amplifiers and drop
amplifiers of CATV systems, and in the mobile wire-
less repeaters and BTS. The amplifier is available in
an SOT-89 package and passes through the strin-
gent DC, RF, and reliability tests.
Application Circuit
·
CATV / 50 ~ 1000 MHz
·
CATV / 5 ~ 200 MHz
·
950 ~ 2150 MHz (SMATV)
·
50 ~ 1000 MHz
(Push-Pull / 1:1 transformer)
Product Specifications
ASL380
Package Style: SOT-89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias


Similar Part No. - ASL380

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL380 ASB-ASL380 Datasheet
1Mb / 13P
Wideband Linear Amplifier MMIC
June 2017
ASL380 ASB-ASL380_17 Datasheet
1Mb / 13P
Wideband Linear Amplifier MMIC
June 2017
More results

Similar Description - ASL380

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
Wideband Linear Amplifier MMIC
August 2012
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
ASL390 ASB-ASL390 Datasheet
500Kb / 7P
Wideband Linear Amplifier MMIC
August 2012
ASL522 ASB-ASL522 Datasheet
536Kb / 6P
Wideband Linear Amplifier MMIC
July 2011
ASL550 ASB-ASL550 Datasheet
1Mb / 25P
Wideband Linear Amplifier MMIC
September 2012
ASL580 ASB-ASL580 Datasheet
453Kb / 8P
Wideband Linear Amplifier MMIC
October 2012
ASL330 ASB-ASL330_17 Datasheet
637Kb / 10P
Wideband Linear Amplifier MMIC
June 2017
ASL390 ASB-ASL390_17 Datasheet
828Kb / 10P
Wideband Linear Amplifier MMIC
April 2017
ASL550 ASB-ASL550_17 Datasheet
1Mb / 26P
Wideband Linear Amplifier MMIC
June 2017
ASL560 ASB-ASL560 Datasheet
885Kb / 12P
Wideband Linear Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com