Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL552 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL552
Description  Wideband Linear Push-pull Amplifier MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL552 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL552 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
June 2011
ASL552
Wideband Linear Push-pull Amplifier MMIC
.
1) OIP3 and OIP2 are measured with two tones at an output power of +14 dBm/tone
separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
Frequency (MHz)
50
500
860
Noise Figure (dB)
4.0
3.5
3.6
Magnitude S21 (dB)
11.4
11.2
11
Magnitude S11 (dB)
-18
-15
-18
Magnitude S22 (dB)
-20
-16
-15
Output P1dB (dBm)
26
26
26
Output IP3
1) (dBm)
44
49
48
Output IP2
1),2) (dBm)
68
73
67
CSO (dBc)
-
CTB (dBc)
-
Device Voltage (V)
8
Current (mA)
370
Note: MABA-007159 1:1 impedance transformers
are used.
S-parameters
CATV Push-Pull
1 : 1 transformer
High Linearity
50 ~ 1000 MHz
+8 V
APPLICATION CIRCUIT
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
RF IN
Vs=8 V
C5=10 uF
C6=560 pF
C1=560 pF
C2=310 pF
RF OUT
C7=310 pF
C10=10 uF
Vs=8 V
1 : 1
transformer
1 : 1
transformer
R2=300
W
R4=300
W
C4=1 uF
C9=1 uF
C8=1.5 pF
C3=1.5 pF
R1=30 k
W
R3=30 k
W
ASL552
L1=1 uH
(LQH31CN1R0M03)
L2=1 uH
(LQH31CN1R0M03)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com