Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM8N50CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8N50CPROG
Description  500V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8N50CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM8N50CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM8N50CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8N50CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8N50CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8N50CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8N50CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8N50CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSM8N50
500V N-Channel MOSFET
1/7
Version: A12
TO-251
(IPAK)
TO-252
(DPAK)
PRODUCT SUMMARY
VDS (V)
RDS(on)(
Ω)
ID (A)
500
0.85 @ VGS =10V
7.2
Features
●
Low On-Resistance.
●
High power and current handing capability.
Ordering Information
Part No.
Package
Packing
TSM8N50CH C5G
TO-251
75pcs / Tube
TSM8N50CP ROG
TO-252
2.5Kpcs / 13” Reel
Note: “G” denotes for Halogen Free
Absolute Maximum Rating (Tc = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
Tc = 25ºC
ID
7.2
A
Tc = 100ºC
4.3
A
Pulsed Drain Current
(Note 1)
IDM
28.8
A
Single Pulse Avalanche Energy
(Note 2)
EAS
181
mJ
Total Power Dissipation @ TC = 25
oC
PTOT
89
W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
Note1: Repetitive Rating : Pulse width limited by maximum junction temperature.
Note2: L=7mH, IAS =8A, VDD = 50V, VDS = 200V, Starting TJ = 25℃
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
1.4
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
50
Pin Definition:
1. Gate
2. Drain
3. Source
Block Diagram
N-Channel MOSFET


Similar Part No. - TSM8N50CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
3Mb / 8P
700V N-Channel Power MOSFET
TSM8N70CIC0 TSC-TSM8N70CIC0 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM8N70CIC0 TSC-TSM8N70CIC0 Datasheet
3Mb / 8P
700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
700V N-Channel Power MOSFET
More results

Similar Description - TSM8N50CPROG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA24N50 FAIRCHILD-FQA24N50 Datasheet
734Kb / 8P
500V N-Channel MOSFET
FQAF13N50 FAIRCHILD-FQAF13N50 Datasheet
723Kb / 8P
500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
500V N-Channel MOSFET
FQD5N50 FAIRCHILD-FQD5N50 Datasheet
772Kb / 9P
500V N-Channel MOSFET
FQL40N50 FAIRCHILD-FQL40N50 Datasheet
623Kb / 8P
500V N-Channel MOSFET
FQL40N50F FAIRCHILD-FQL40N50F Datasheet
635Kb / 8P
500V N-Channel MOSFET
FQNL2N50B FAIRCHILD-FQNL2N50B Datasheet
598Kb / 8P
500V N-Channel MOSFET
FQP2N50 FAIRCHILD-FQP2N50 Datasheet
717Kb / 8P
500V N-Channel MOSFET
FQP4N50 FAIRCHILD-FQP4N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
FQPF1N50 FAIRCHILD-FQPF1N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com