Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3017Q Datasheet(PDF) 98 Page - Sony Corporation

Part # CXD3017Q
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3017Q Datasheet(HTML) 98 Page - Sony Corporation

Back Button CXD3017Q Datasheet HTML 94Page - Sony Corporation CXD3017Q Datasheet HTML 95Page - Sony Corporation CXD3017Q Datasheet HTML 96Page - Sony Corporation CXD3017Q Datasheet HTML 97Page - Sony Corporation CXD3017Q Datasheet HTML 98Page - Sony Corporation CXD3017Q Datasheet HTML 99Page - Sony Corporation CXD3017Q Datasheet HTML 100Page - Sony Corporation CXD3017Q Datasheet HTML 101Page - Sony Corporation CXD3017Q Datasheet HTML 102Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 117 page
background image
– 98 –
CXD3017Q
D1V2, D1V1: Peak hold 1 for DFCT signal generation
Count-down speed setting
Default value: 01 (0.688
× VDD/ms, 352.8kHz)
[V/ms] unit items indicate RFDC input conversion; [kHz] unit items indicate the
operating frequency of the internal counter.
D2V2
0
0
1
1
0
1
0
1
22.05
44.1
88.2
176.4
0.0431
× VDD
0.0861
× VDD
0.172
× VDD
0.344
× VDD
D2V1
Count-down speed
[V/ms]
[kHz]
[V/ms]
[kHz]
176.4
352.8
705.6
1411.2
0.344
× VDD
0.688
× VDD
1.38
× VDD
2.75
× VDD
D1V2
0
0
1
1
0
1
0
1
D1V1
Count-down speed
∗: preset, VDD: supply voltage
∗
∗: preset, VDD: supply voltage
∗
BTF:
Bottom hold double-speed count-up mode for MIRR signal generation
On/off (default: off)
On when 1.
D2V2, D2V1: Peak hold 2 for DFCT signal generation
Count-down speed setting
Default value: 01 (0.086
× VDD/ms, 44.1kHz)
[V/ms] unit items indicate RFDC input conversion; [kHz] unit items indicate the
operating frequency of the internal counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com